Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS8GF300 Datasheet(PDF) 11 Page - Transcend Information. Inc.

Part # TS8GF300
Description  300X CompactFlash Card
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GF300 Datasheet(HTML) 11 Page - Transcend Information. Inc.

Back Button TS8GF300 Datasheet HTML 7Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 8Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 9Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 10Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 11Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 12Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 13Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 14Page - Transcend Information. Inc. TS8GF300 Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
T
T
TS
S
S2
2
2G
G
G~
~
~1
1
16
6
6G
G
GC
C
CF
F
F3
3
30
0
00
0
0
300X CompactFlash Card
Transcend Information Inc.
V1.1
11
Signal Name
Dir.
Pin
Description
-VS1
-VS2
(PC Card Memory Mode)
-VS1
-VS2
(PC Card I/O Mode)
-VS1
-VS2
(True IDE Mode)
O
33
40
Voltage Sense Signals. -VS1 is grounded on the Card and sensed by the Host
so that the CompactFlash Storage Card CIS can be read at 3.3 volts and -VS2 is
reserved by PCMCIA for a secondary voltage and is not connected on the Card.
This signal is the same for all modes.
This signal is the same for all modes.
-WAIT
(PC Card Memory Mode – Except
Ultra DMA Protocol Active)
-WAIT
(PC Card I/O Mode –Except Ultra
DMA Protocol Active)
IORDY
(True IDE Mode – Except Ultra
DMA Protocol Active)
-DDMARDY
(All Modes – Ultra DMA Write
Protocol Active)
DSTROBE
(All Modes – Ultra DMA Read
Protocol Active)
O
42
The -WAIT signal is driven low by the CompactFlash Storage Card to signal the
host to delay completion of a memory or I/O cycle that is in progress.
This signal is the same as the PC Card Memory Mode signal.
In True IDE Mode, except in Ultra DMA modes, this output signal may be used
as IORDY.
In all modes, when Ultra DMA mode DMA Write is active, this signal is asserted
by the device during a data burst to indicate that the device is ready to receive
Ultra DMA data out bursts. The device may negate -DDMARDY to pause an
Ultra DMA transfer.
In all modes, when Ultra DMA mode DMA Read is active, this signal is the data in
strobe generated by the device. Both the rising and falling edge of DSTROBE
cause data to be latched by the host. The device may stop generating
DSTROBE edges to pause an Ultra DMA data in burst.
-WE
(PC Card Memory Mode)
-WE
(PC Card I/O Mode)
-WE
(True IDE Mode)
I
36
This is a signal driven by the host and used for strobing memory write data to the
registers of the CompactFlash Storage Card when the card is configured in the
memory interface mode. It is also used for writing the configuration registers.
In PC Card I/O Mode, this signal is used for writing the configuration registers.
In True IDE Mode, this input signal is not used and should be connected to VCC
by the host.
WP
(PC Card Memory Mode)
Write Protect
-IOIS16
(PC Card I/O Mode)
-IOCS16
(True IDE Mode)
O
24
Memory Mode – The CompactFlash Storage Card does not have a write protect
switch. This signal is held low after the completion of the reset initialization
sequence.
I/O Operation – When the CompactFlash Storage Card is configured for I/O
Operation Pin 24 is used for the -I/O Selected is 16 Bit Port (-IOIS16) function. A
Low signal indicates that a 16 bit or odd byte only operation can be performed at
the addressed port.
In True IDE Mode this output signal is asserted low when this device is expecting
a word data transfer cycle.


Similar Part No. - TS8GF300

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS8GCF100I TRANSCEND-TS8GCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS8GCF100I TRANSCEND-TS8GCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS8GCF133 TRANSCEND-TS8GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS8GCF200I TRANSCEND-TS8GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
More results

Similar Description - TS8GF300

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com