Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB16150CT Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB16150CT
Description  16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB16150CT Datasheet(HTML) 2 Page - Won-Top Electronics

  SB16150CT Datasheet HTML 1Page - Won-Top Electronics SB16150CT Datasheet HTML 2Page - Won-Top Electronics SB16150CT Datasheet HTML 3Page - Won-Top Electronics SB16150CT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB16150CT – SB16200CT
2 of 4
© 2008 Won-Top Electronics
0
4
8
12
16
10
50
100
150
T , CASE TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
C
Single Phase Half-Wave
60 Hz Resistive or Inductive
Load 9.5mm Lead Length
100
1000
10000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
40
80
120
160
200
110
100
NUMBER OF CYCLES AT 60 Hz
Fig.3 Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
0.1
1.0
10
30
0.1
0.3
0.5
0.7
0.9
1.1
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Voltage Characteristics
F
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ


Similar Part No. - SB16150CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB16150CT WTE-SB16150CT Datasheet
47Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB16150CT PACELEADER-SB16150CT Datasheet
302Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB16150CT FORMOSA-SB16150CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
SB16150CT SUNMATE-SB16150CT Datasheet
514Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB16150CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB16150FCT WTE-SB16150FCT_08 Datasheet
51Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150CT WTE-SB16150CT Datasheet
47Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150FCT WTE-SB16150FCT Datasheet
48Kb / 4P
   16A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB16150F WTE-SB16150F Datasheet
45Kb / 4P
   16A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
September, 2012
S16D30C WTE-S16D30C Datasheet
81Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620FCT WTE-SB1620FCT_06 Datasheet
49Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB1620CT WTE-SB1620CT_06 Datasheet
48Kb / 4P
   16A DUAL SCHOTTKY BARRIER RECTIFIER
SB16150DC WTE-SB16150DC Datasheet
47Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB16150DC WTE-SB16150DC_08 Datasheet
68Kb / 4P
   16A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com