Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9140ARWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9140ARWG
Description  3.3V / 1310 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9140ARWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9140ARWG Datasheet HTML 1Page - Optoway Technology Inc SPS-9140ARWG Datasheet HTML 2Page - Optoway Technology Inc SPS-9140ARWG Datasheet HTML 3Page - Optoway Technology Inc SPS-9140ARWG Datasheet HTML 4Page - Optoway Technology Inc SPS-9140ARWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-9140RWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V1.0
1
SPS-9140RWG / SPS-9140BRWG / SPS-9140ARWG
(RoHS Compliant)
3.3V / 1310 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Multirate up to 3.2 Gbps
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l SFF-8472 Digital Diagnostic Function
l 1310 nm DFB LD Transmitter
l 20 dB Power Budget at Least
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation : SPS-9140RWG
l -10 to 85oC Operation : SPS-9140BRWG
l -40 to 85oC Operation : SPS-9140ARWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l 10GBASE LX-4
l Serial ATA / ATA2
l SONET OC-48 / SDH STM-16
l SONET OC-12 / SDH STM-4
l SONET OC-3 / SDH STM-1
l Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPS-9140RWG series single mode transceivers is
small form factor pluggable module for bi-directional serial
optical data communications such as 10GBASE LX-4,
Serial ATA/ATA2, SONET OC-48 / SDH STM-16,
Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre Channel.
It is with the SFP 20-pin connector to allow hot plug
capability. Digital diagnostic functions are available via an
I
2C. This module is designed for single mode fiber and
operates at a nominal wavelength of 1310 nm. A guaranteed
minimum optical link budget of 20 dB is offered which can
correspond to a link distance of over 40 km (assuming worst
case fiber loss of 0.4 dB/km). The transmitter section uses
a multiple quantum well 1310 nm DFB laser and is a class
1 laser compliant according to International Safety
Standard IEC-60825. The receiver section uses an
integrated InGaAs detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-9140RWG
Multirate*
40
1310 DFB
LC SFP with DMI
0 to 70
5 to 0
-20
Yes
SPS-9140BRWG
Multirate*
40
1310 DFB
LC SFP with DMI
-10 to 85
5 to 0
-20
Yes
SPS-9140ARWG
Multirate*
40
1310 DFB
LC SFP with DMI
-40 to 85
5 to 0
-20
Yes
Multirate*: 3.185Gb/s, 3.125Gb/s, 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-9140RWG
SPS-9140BRWG
SPS-9140ARWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-9140RWG
oC / SPS-9140BRWG
oC / SPS-9140ARWG
Power Supply Current
ICC (TX+RX)
230
300
mA
Data Rate
125
3125
3200
Mb/s


Similar Part No. - SPS-9140ARWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9140ARG OPTOWAY-SPS-9140ARG Datasheet
149Kb / 5P
   3.3V / 1310 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9140ARWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9105RWG OPTOWAY-SPS-9105RWG Datasheet
149Kb / 5P
   3.3V / 1310 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9120RWG OPTOWAY-SPS-9120RWG Datasheet
149Kb / 5P
   3.3V / 1310 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9140RG OPTOWAY-SPS-9140RG Datasheet
149Kb / 5P
   3.3V / 1310 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9105RG OPTOWAY-SPS-9105RG Datasheet
149Kb / 5P
   3.3V / 1310 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9120RG OPTOWAY-SPS-9120RG Datasheet
149Kb / 5P
   3.3V / 1310 nm / 3.2Gb/s SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RWG OPTOWAY-SPS-9380RWG Datasheet
150Kb / 5P
   3.3V / 1550 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120RWG OPTOWAY-SPS-93120RWG Datasheet
150Kb / 5P
   3.3V / 1550 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100RWG OPTOWAY-SPS-93100RWG Datasheet
150Kb / 5P
   3.3V / 1550 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340RWG OPTOWAY-SPS-9340RWG Datasheet
149Kb / 5P
   3.3V / 1550 nm / 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380RW-CXX0G OPTOWAY-SPS-9380RW-CXX0G Datasheet
153Kb / 5P
   3.3V / CWDM/ 3.2Gb/s Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com