Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4GSDHC6 Datasheet(PDF) 8 Page - Transcend Information. Inc.

Part # TS4GSDHC6
Description  4~32GB High Capacity Secure Digital Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC6 Datasheet(HTML) 8 Page - Transcend Information. Inc.

Back Button TS4GSDHC6 Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDHC6 Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDHC6 Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDHC6 Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC6 Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC6 Datasheet HTML 9Page - Transcend Information. Inc. TS4GSDHC6 Datasheet HTML 10Page - Transcend Information. Inc. TS4GSDHC6 Datasheet HTML 11Page - Transcend Information. Inc. TS4GSDHC6 Datasheet HTML 12Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
8
Bus Timing (High Speed Mode)
Parameter
Symbol
Min
Max.
Unit
Remark
Clock CLK (All values are referred to min (VIH) and max (VIL)
Clock frequency Data Transfer Mode
fPP
0
50
MHz
CCARD ≤ 10 pF, (1 card)
Clock low time
tWL
7
ns
CCARD ≤ 10 pF, (1 card)
Clock high time
tWH
7
ns
CCARD ≤ 10 pF, (1 card)
Clock rise time
tTLH
3
ns
CCARD ≤ 10 pF, (1 card)
Clock fall time
tTHL
3
ns
CCARD ≤ 10 pF, (1 card)
Inputs CMD, DAT (referenced to CLK)
Input set-up time
tISU
6
ns
CCARD ≤ 10 pF, (1 card)
Input hold time
tIH
2
ns
CCARD ≤ 10 pF, (1 card)
Outputs CMD, DAT (referenced to CLK)


Similar Part No. - TS4GSDHC6

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
TS4GSDHC6V TRANSCEND-TS4GSDHC6V Datasheet
590Kb / 24P
   4GB~16GB SDHC6 HD Video Card
More results

Similar Description - TS4GSDHC6

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD Datasheet
252Kb / 2P
   Capacity: 128MB to 32GB
logo
Transcend Information. ...
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
   CFast card specification standard, Capacity: 2GB up to 32GB
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com