Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2296 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHR2296
Description  36- 40GHz Integrated Down Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2296 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHR2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2296 Datasheet HTML 5Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
36-40 MFC Down Converter
CHR2296
Ref. : DSCHR22962147 25-May-02
4/5
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
LO
IN
RF
IN
Q
OUT
I
OUT
To Vgm DC Gate Supply
To Vgb DC Gate Supply
To Vgx DC Gate Supply
To Vga DC Gate Supply
To Vdm,Vdl DC Drain Supply
Note : Supply feed should be capacitively bypassed. 25µm diameter gold wire is recommended
Bonding pad positions
( Chip thickness : 100µm. All dimensions are in micrometers )


Similar Part No. - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
190Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296-99F UMS-CHR2296-99F Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296-99F00 UMS-CHR2296-99F00 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results

Similar Description - CHR2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
CHR2296 UMS-CHR2296_15 Datasheet
190Kb / 6P
   36-40GHz Integrated Down Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3394-QEG UMS-CHR3394-QEG_15 Datasheet
450Kb / 14P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com