Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT3091RCF Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHT3091RCF
Description  DC-40GHz Attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT3091RCF Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHT3091RCF Datasheet HTML 1Page - United Monolithic Semiconductors CHT3091RCF Datasheet HTML 2Page - United Monolithic Semiconductors CHT3091RCF Datasheet HTML 3Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DC-40GHz Attenuator
CHT3091RCF
Ref. : DSCHT3091RCF1257 - 14-Sept-01-
3/3
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Ordering Information
SMD leadless package form :
CHT3091RCF/24
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.


Similar Part No. - CHT3091RCF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091A UMS-CHT3091A Datasheet
84Kb / 4P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A Datasheet
191Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091A-99F/00 UMS-CHT3091A-99F/00 Datasheet
84Kb / 4P
   DC-40GHz ATTENUATOR
CHT3091A99F/00 UMS-CHT3091A99F/00 Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
More results

Similar Description - CHT3091RCF

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3091A UMS-CHT3091A Datasheet
84Kb / 4P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_06 Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHA3091A UMS-CHA3091A Datasheet
669Kb / 8P
   DC-40GHz ATTENUATOR
CHT3091A UMS-CHT3091A_15 Datasheet
191Kb / 8P
   DC-40GHz ATTENUATOR
CHT4694-QAG UMS-CHT4694-QAG_15 Datasheet
701Kb / 14P
   25- 40GHz ATTENUATOR
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
   Silicon Digital Attenuator, 9kHz to 40GHz
logo
Knowles Electronics
FPC07802 KNOWLES-FPC07802 Datasheet
409Kb / 2P
   DC to 40GHz 30dB Resistive Coupler
FPC07803 KNOWLES-FPC07803 Datasheet
348Kb / 2P
   DC to 40GHz 20dB Resistive Coupler
PDR05848 KNOWLES-PDR05848 Datasheet
434Kb / 2P
   DC-40GHz Flip Chip Resistive Divider
logo
Vishay Barry
QFN-4420-0522 BARRY-QFN-4420-0522 Datasheet
282Kb / 2P
   DC-40GHz QFN w/ Air Cavity (Al2O3)
REV.F EP 15 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com