Electronic Components Datasheet Search |
|
TS8GJF160 Datasheet(PDF) 1 Page - Transcend Information. Inc. |
|
TS8GJF160 Datasheet(HTML) 1 Page - Transcend Information. Inc. |
1 / 3 page T T TS S S8 8 8G G GJ J JF F F1 1 16 6 60 0 0 8GB USB2.0 JetFlash ™ Transcend Information Inc. 1 Description TS8GJF160 is a 8GB USB Flash Drive with 1 pcs of 8Gx8 Flash (or 2 pcs of 4Gx8) Memory assembled on a printed circuit board. Outline Features • Color: Gray • USB 2.0 compatible, true Plug and Play • Powered directly via the USB port. No external power or battery needed • LED indicates the usage status of JetFlash™ • JetFlash elite software pack includes (Windows 2000/XP/Vista/Windows 7 only): Favorites Function: store all your favorite website addresses on the JetFlash™ AutoLogin Function: automatically login to websites where you have a password Secret-Zip Function: compress and/or password protect saved files using 256-bit AES encryption PC-Lock Function: makes JetFlash™ a key to your computer E-Mail Function: use your JetFlash™ to securely send, receive and save e-mails DataBackup Function: backup, restore and synchronize your data System Requirement • Hardware: Desktop or notebook computer with USB port • Operating System: Windows ® 2000 SP4, Windows® XP SP2, Windows ® Vista, Windows® 7 and Mac™ OS 9.0 or later, Linux™ Kernel 2.4.2 or later Dimensions Side Millimeters Inches A 61 ± 1.00 2.40 ± 0.04 B 18.6 ± 1.00 0.73 ± 0.04 C 9.8 ± 1.00 0.39 ± 0.04 A C B |
Similar Part No. - TS8GJF160 |
|
Similar Description - TS8GJF160 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |