Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9340M-CXX0G Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPS-9340M-CXX0G
Description  3.3V / CWDM / Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9340M-CXX0G Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPS-9340M-CXX0G Datasheet HTML 1Page - Optoway Technology Inc SPS-9340M-CXX0G Datasheet HTML 2Page - Optoway Technology Inc SPS-9340M-CXX0G Datasheet HTML 3Page - Optoway Technology Inc SPS-9340M-CXX0G Datasheet HTML 4Page - Optoway Technology Inc SPS-9340M-CXX0G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPS-9340M-CXX0G
**********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V3.0
5
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2004/1/1
2.0
Add 1270 to 1450 nm CWDM.
2005/12/1
3.0
1. Revise package diagram for high port density use
2. Add clasp color codes for 18 wavelengths
2008/1/1


Similar Part No. - SPS-9340M-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G_15 Datasheet
150Kb / 5P
   Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G_2015 OPTOWAY-SPS-9340M-CXX0G_2015 Datasheet
150Kb / 5P
   Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9340M-CXX0G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G Datasheet
151Kb / 4P
   3.3V / CWDM / Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MW-CXX0G OPTOWAY-SPS-9340MW-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Mutlirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MW-CXX0G OPTOWAY-SPS-9340MW-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM/ Mutlirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G_2015 OPTOWAY-SPS-9340M-CXX0G_2015 Datasheet
150Kb / 5P
   Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340M-CXX0G OPTOWAY-SPS-9340M-CXX0G_15 Datasheet
150Kb / 5P
   Mutlirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380M-CXX0G OPTOWAY-SPS-9380M-CXX0G_08 Datasheet
150Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G Datasheet
149Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100M-CXX0G OPTOWAY-SPS-93100M-CXX0G Datasheet
150Kb / 4P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120M-CXX0G OPTOWAY-SPS-93120M-CXX0G_08 Datasheet
149Kb / 5P
   3.3V / CWDM / Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com