Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS16GJF2A Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # TS16GJF2A
Description  16GB USB2.0 JetFlash짰2A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GJF2A Datasheet(HTML) 3 Page - Transcend Information. Inc.

  TS16GJF2A Datasheet HTML 1Page - Transcend Information. Inc. TS16GJF2A Datasheet HTML 2Page - Transcend Information. Inc. TS16GJF2A Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T
T
TS
S
S1
1
16
6
6G
G
GJ
J
JF
F
F2
2
2A
A
A
16GB USB2.0 JetFlash
®2A
Transcend Information Inc.
3
Pinouts
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB+
USB differential signal:
The pairs are used to transmit
Data/Address/Command
VSS
Ground
VCC
USB power input
Specifications
Storage Capacity
16GB
Data Retention
10 years
Erase Cycles
>100,000 times
Connector Durability
10,000 times
System Performance
Read: 30MB/sec (max.), Write: 25MB/sec (max.)
Power Supply
DC 5V±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
oC, Storage: -20oC-75oC
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.


Similar Part No. - TS16GJF2A

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
More results

Similar Description - TS16GJF2A

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GJF2A TRANSCEND-TS2GJF2A Datasheet
75Kb / 3P
   2GB USB2.0 JetFlash짰2A
TS1GJF2A TRANSCEND-TS1GJF2A Datasheet
75Kb / 3P
   1GB USB2.0 JetFlash짰2A
TS4GJF2A TRANSCEND-TS4GJF2A Datasheet
74Kb / 3P
   4GB USB2.0 JetFlash짰2A
TS16GJF300 TRANSCEND-TS16GJF300 Datasheet
49Kb / 2P
   16GB USB2.0 JetFlash짰300
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
TS16GJFV70 TRANSCEND-TS16GJFV70 Datasheet
53Kb / 2P
   16GB USB2.0 JetFlash?줧70
TS16GJFV85 TRANSCEND-TS16GJFV85 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧85
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
TS16GJFV60 TRANSCEND-TS16GJFV60 Datasheet
57Kb / 2P
   16GB USB2.0 JetFlash?줧60
TS16GJFV10 TRANSCEND-TS16GJFV10 Datasheet
89Kb / 2P
   16GB USB2.0 JetFlash?줧10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com