Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CND2047 Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CND2047
Description  10GHz Frequency Divider by 4 Fixed Modulus Prescaler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CND2047 Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CND2047 Datasheet HTML 2Page - United Monolithic Semiconductors CND2047 Datasheet HTML 3Page - United Monolithic Semiconductors CND2047 Datasheet HTML 4Page - United Monolithic Semiconductors CND2047 Datasheet HTML 5Page - United Monolithic Semiconductors CND2047 Datasheet HTML 6Page - United Monolithic Semiconductors CND2047 Datasheet HTML 7Page - United Monolithic Semiconductors CND2047 Datasheet HTML 8Page - United Monolithic Semiconductors CND2047 Datasheet HTML 9Page - United Monolithic Semiconductors CND2047 Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CND2047
10GHz Frequency Divider by 4
Ref. : DSCND20470077 -17-Mar-00
10/10
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Mechanical Data
Vdd
Vdd
Vdd1
CKB
CK
GND
GND
GND
QB
Q
dimensions in µm :
1050 (+10 /-100) * 900 (+10 /-100)
Thickness= 300µm
± 20µm
Pads area: 100*100µm
Recommended die attach
Epoxy die attach is recommended.
Minimum quantity of electrically conductive
epoxy must be used, with a narrow fillet
around the die after contact
Recommended bonding
Bonding pads of the product are covered
with aluminium metallic layer.
Wedge or ball bonding can be used.
Aluminium wire has be used if the
assembly process is up to 250°C.
Otherwise the use of gold wire is possible.
The ground bounding length should be as
short as possible to optimize the use of the
product.
The bonder should be properly grounded.
Note 1: Vdd1 is used to connect the output
buffers (on Q/QB) and can be applied
separately from Vdd.
Ordering Information
Chip form
:CND2047-99F/00
FTP8 Package
:CND2047-SNF/23
SOIC8 Package
:CND2047-DAF/20
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for
use as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.


Similar Part No. - CND2047

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
120Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG_15 Datasheet
120Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
More results

Similar Description - CND2047

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2047-DAG UMS-CND2047-DAG_15 Datasheet
120Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
   9GHz Frequency Divider by 4 Fixed Modulus Prescaler
logo
Zarlink Semiconductor I...
ZL40815 ZARLINK-ZL40815 Datasheet
519Kb / 14P
   10GHz Fixed Modulus DIVIDE 4
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
   10GHz Fixed Modulus 첨 16
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
logo
List of Unclassifed Man...
SP8789 ETC1-SP8789 Datasheet
25Kb / 1P
   225MHz Frequency Divider Divided by 20/21 TWO MODULUS DIVIDER
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
   5GHZ/ 2 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com