Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-33240WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-33240WG
Description  3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-33240WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-33240WG Datasheet HTML 1Page - Optoway Technology Inc SPS-33240WG Datasheet HTML 2Page - Optoway Technology Inc SPS-33240WG Datasheet HTML 3Page - Optoway Technology Inc SPS-33240WG Datasheet HTML 4Page - Optoway Technology Inc SPS-33240WG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-33240WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2008 V1.0
1
SPS-33240WG / SPS-33240BWG
(RoHS Compliant)
3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with SONET OC-3 / SDH STM-1
l SFF-8472 Digital Diagnostic Function
l 1550 nm DFB LD Transmitter
l 50 dB Power Budget at Least
l Distance up to 240 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-33240WG
l -10 to 85oC Operation: SPS-33240BWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l Fast Ethernet Applications
DESCRIPTION
The SPS-33240WG series single mode transceiver is small
form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-3 / SDH
STM-1 and Fast Ethernet. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. A guaranteed minimum
optical link budget of
50 dB is offered which can
correspond to a link distance of over 240 km (assuming
worst case fiber loss of 0.2 dB/km). This module is
designed for single mode fiber and operates at a nominal
wavelength of 1550 nm. The transmitter section uses a
1550 nm multiple quantum well DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-33240WG
125 / 155
240
1550 DFB LC SFP with DMI
0 to 70
8 to 5
-45
Yes
SPS-33240BWG
125 / 155
240
1550 DFB LC SFP with DMI -10 to 85
8 to 5
-45
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
70
85
oC
SPS-33240WG
SPS-33240BWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
-10
70
85
oC / SPS-33240WG
oC / SPS-33240BWG
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
125/155
200
Mb/s


Similar Part No. - SPS-33240WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-33240WG OPTOWAY-SPS-33240WG_15 Datasheet
153Kb / 5P
   155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240WG_2015 OPTOWAY-SPS-33240WG_2015 Datasheet
153Kb / 5P
   155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-33240WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-33160WG OPTOWAY-SPS-33160WG Datasheet
149Kb / 4P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200WG OPTOWAY-SPS-33200WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380WG OPTOWAY-SPS-3380WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120WG OPTOWAY-SPS-33120WG Datasheet
149Kb / 4P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200WG OPTOWAY-SPS-33200WG Datasheet
149Kb / 4P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33160WG OPTOWAY-SPS-33160WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100WG OPTOWAY-SPS-33100WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380WG OPTOWAY-SPS-3380WG Datasheet
149Kb / 4P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120WG OPTOWAY-SPS-33120WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100WG OPTOWAY-SPS-33100WG Datasheet
149Kb / 4P
   3.3V / 1550 nm / 155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com