Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1GRMMC4 Datasheet(PDF) 11 Page - Transcend Information. Inc.

Part # TS1GRMMC4
Description  MMCmobile
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS1GRMMC4 Datasheet(HTML) 11 Page - Transcend Information. Inc.

Back Button TS1GRMMC4 Datasheet HTML 3Page - Transcend Information. Inc. TS1GRMMC4 Datasheet HTML 4Page - Transcend Information. Inc. TS1GRMMC4 Datasheet HTML 5Page - Transcend Information. Inc. TS1GRMMC4 Datasheet HTML 6Page - Transcend Information. Inc. TS1GRMMC4 Datasheet HTML 7Page - Transcend Information. Inc. TS1GRMMC4 Datasheet HTML 8Page - Transcend Information. Inc. TS1GRMMC4 Datasheet HTML 9Page - Transcend Information. Inc. TS1GRMMC4 Datasheet HTML 10Page - Transcend Information. Inc. TS1GRMMC4 Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
T
T
TS
S
S6
6
64
4
4M
M
M~
~
~1
1
1G
G
GR
R
RM
M
MM
M
MC
C
C4
4
4
MMCmobile
Transcend Information Inc.
11
Reliability and Durability
Temperature
Operation: -25°C / 85°C
Storage: -40°C (168h) / 85°C (500h)
Junction temperature: max. 95°C
Moisture and corrosion
Operation: 25°C / 95% rel. humidity
Stress: 40°C / 93% rel. hum./500h
Salt Water Spray: 3% NaCl/35C; 24h acc. MIL STD Method 1009
ESD protection
Contact Pads:
+/-4kV, Human body model according to ANSI EOS/ESD-S5.1-1998
Non Contact Pads area:
+/-8kV(coupling plane discharge)
+/-15kV(air discharge)
Human body model according to IEC61000-4-2
Durability
10.000 mating cycles; test procedure: t.b.d.
Bending
t.b.d.
Torque
t.b.d.
Drop test
1.5m free fall
UV light exposure
UV: 200nm, 15Ws/cm² according to ISO 7816-1
Visual inspection
Shape and form
No warp page; no mold skin; complete form; no cavities surface smoothness sigma
-0.1 mm/cm² within contour; no cracks; no pollution (fat, oil dust, etc.)
Above technical information is based on MMC4.0 standard specification and tested to be reliable. However, Transcend
makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of
this product. Transcend reserves the right to make changes in specifications at any time without prior notice.


Similar Part No. - TS1GRMMC4

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS1GCF100I TRANSCEND-TS1GCF100I Datasheet
3Mb / 80P
   Industrial CF Card
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS1GCF200I TRANSCEND-TS1GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
TS1GCF80 TRANSCEND-TS1GCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
TS1GCFI TRANSCEND-TS1GCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
More results

Similar Description - TS1GRMMC4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS256MRMMC4 ETC-TS256MRMMC4 Datasheet
266Kb / 11P
   256MB MMCmobile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com