Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32GCF600 Datasheet(PDF) 7 Page - Transcend Information. Inc.

Part # TS32GCF600
Description  600X CompactFlash Card
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GCF600 Datasheet(HTML) 7 Page - Transcend Information. Inc.

Back Button TS32GCF600 Datasheet HTML 3Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 4Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 5Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 6Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 7Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 8Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 9Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 10Page - Transcend Information. Inc. TS32GCF600 Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
T
T
TS
S
S8
8
8G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F6
6
60
0
00
0
0
600X CompactFlash Card
Transcend Information Inc.
V1.0
7
Input Leakage Current
Note: In Table 1 below, x refers to the characteristics described in table 2. For example, I1U indicates a pull-up resistor with a type 1
input characteristic.
Table 1: Input Leakage Current
Type
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
IxZ
Input Leakage Current
IL
Vih = Vcc / Vil = Gnd
-1
1
µ
A
IxU
Pull-Up Resistor
RPU1
Vcc = 5.0V
50k
500k
Ohm
IxD
Pull-Down Resistor
RPD1
Vcc = 5.0V
50k
500k
Ohm
Note: The minimum pull-up resistor resistance meets the PCMCIA PC Card specification of 10k ohms but is intentionally higher in the
CompactFlash Specification to reduce power use.
Input Characteristics
Table 2: Input Characteristics
MIN
TYP
MAX
MIN
TYP
MAX
Type
Parameter
Symbol
VCC = 3.3 V
VCC = 5.0 V
Units
1
Input Voltage
CMOS
Vih
Vil
2.4
0.6
4.0
1
0.8
Volts
2
Input Voltage
CMOS
Vih
Vil
1.5
0.6
2.0
0.8
Volts
3
Input Voltage
CMOS Schmitt
Trigger
Vth
Vtl
1.8
1.0
2.8
2.0
Volts
Notes: 1) The host provides a logic output high voltage for a CMOS load of .9 x VCC. For a 5 volt product, this translates to .9 x
4.5 = 4.05 volts minimum Voh.
Output Drive Type
Note: In Table 3 below, x refers to the characteristics described in Table 4. For example, OT3 refers to Totem pole output with a type
3 output drive characteristic.
Table 3: Output Drive Type
Type
Output Type
Valid Conditions
OTx
Totempole
Ioh & Iol
OZx
Tri-State N-P Channel
Ioh & Iol
OPx
P-Channel Only
Ioh Only
ONx
N-Channel Only
Iol Only


Similar Part No. - TS32GCF600

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GCF133 TRANSCEND-TS32GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
TS32GCF200I TRANSCEND-TS32GCF200I Datasheet
1Mb / 87P
   TTr rraannsscceenndd I IInndduusst ttr rri iaal ll CCFF CCaar rrdd
TS32GCF400 TRANSCEND-TS32GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
More results

Similar Description - TS32GCF600

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
   CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
   CompactFlash™ Card
2004-05-18
logo
Transcend Information. ...
TS1GCF133 TRANSCEND-TS1GCF133 Datasheet
3Mb / 81P
   133X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com