Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32GSSD18M-M Datasheet(PDF) 11 Page - Transcend Information. Inc.

Part # TS32GSSD18M-M
Description  1.8??Portable Solid State Drive
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GSSD18M-M Datasheet(HTML) 11 Page - Transcend Information. Inc.

Back Button TS32GSSD18M-M Datasheet HTML 7Page - Transcend Information. Inc. TS32GSSD18M-M Datasheet HTML 8Page - Transcend Information. Inc. TS32GSSD18M-M Datasheet HTML 9Page - Transcend Information. Inc. TS32GSSD18M-M Datasheet HTML 10Page - Transcend Information. Inc. TS32GSSD18M-M Datasheet HTML 11Page - Transcend Information. Inc. TS32GSSD18M-M Datasheet HTML 12Page - Transcend Information. Inc. TS32GSSD18M-M Datasheet HTML 13Page - Transcend Information. Inc. TS32GSSD18M-M Datasheet HTML 14Page - Transcend Information. Inc. TS32GSSD18M-M Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
T
T
TS
S
S3
3
32
2
2///6
6
64
4
4///1
1
12
2
28
8
8G
G
GS
S
SS
S
SD
D
D1
1
18
8
8M
M
M---M
M
M
1.8” Portable Solid State Drive
Transcend Information Inc.
V1.2
11
times) at any given speed. The host should allow for at least 873.8 us (32768 nominal Gen1 Dword times) after detecting
the release of COMWAKE to receive the first ALIGNP. This ensures interoperability with multi-generational and
synchronous designs. If no ALIGNP is received within 873.8 us (32768 nominal Gen1 Dword times) the host restarts the
power-on sequence – repeating indefinitely until told to stop by the Application layer. 6. Device locks – the device locks to
the ALIGN sequence and, when ready, sends SYNCP indicating it is ready to start normal operation.
6. Upon receipt of three back-to-back non-ALIGNP primitives, the communication link is established and normal operation
may begin.
Power on sequence timing diagram
The following timing diagrams and descriptions are provided for clarity and are informative.
Figure 7 : power on sequence


Similar Part No. - TS32GSSD18M-M

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS32GSSD10-M TRANSCEND-TS32GSSD10-M Datasheet
295Kb / 11P
   1.0??Solid State Disk
More results

Similar Description - TS32GSSD18M-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1060 ETC-L1060 Datasheet
165Kb / 5P
   1.8 MM SOLID STATE LAMPS
logo
Transcend Information. ...
TS60GSSD25D-M TRANSCEND-TS60GSSD25D-M Datasheet
1Mb / 18P
   2.5??Solid State Drive
logo
Apacer Technology Inc.
PV130-M242 APACER-PV130-M242 Datasheet
1Mb / 5P
   modularized Solid State Drive (SSD)
SM130-25 APACER-SM130-25 Datasheet
1Mb / 4P
   (2.5inch) Embedded Solid State Drive
SS130-25 APACER-SS130-25 Datasheet
1Mb / 4P
   (2.5inch) Embedded Solid State Drive
logo
A-Data Technology
S510 A-DATA-S510 Datasheet
405Kb / 2P
   ADATA S510 Solid State Drive
SX900 A-DATA-SX900 Datasheet
552Kb / 2P
   ADATA XPG SX900 Solid State Drive
SX910 A-DATA-SX910 Datasheet
486Kb / 3P
   ADATA XPG SX910 Solid State Drive
logo
Intel Corporation
750 INTEL-750 Datasheet
960Kb / 33P
   Intel짰 Solid State Drive 750 Series
October 2015
logo
STMicroelectronics
ST1S50 STMICROELECTRONICS-ST1S50 Datasheet
707Kb / 29P
   Solid state disk drive, Blu-ray, DVD
March 2015 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com