Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLOH190P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLOH190P
Description  Panel Circuit Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOH190P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLOH190P_06 Datasheet HTML 1Page - Toshiba Semiconductor TLOH190P_06 Datasheet HTML 2Page - Toshiba Semiconductor TLOH190P_06 Datasheet HTML 3Page - Toshiba Semiconductor TLOH190P_06 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLOH190P(F)
2006-01-20
1
TOSHIBA LED Lamp InGaAℓP Orange Light Emission
TLOH190P(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 10mm package
• InGaAℓP technology
• All plastic mold type.
• Colorless clear lens
• Low drive current, high intensity orange light emission
Recommended forward current: IF = 1~20mA (DC)
• All plastic molded lens, provides an excellent on−off contrast ratio.
• Fast response time, capable of pulse operation.
• High power luminous intensity
• Without stand−offs
• Applications: Suitable for outdoor message signboard, safety
equipment.
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current (DC)
IF
50
mA
Reverse voltage
VR
4
V
Power dissipation
PD
125
mW
Operating temperature range
Topr
−30~85
°C
Storage temperature range
Tstg
−40~120
°C
Unit in mm
1
2
JEDEC
EIAJ
TOSHIBA
4-10F1
Weight: 1.0g
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Similar Part No. - TLOH190P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOH190P TOSHIBA-TLOH190P Datasheet
154Kb / 3P
   PANEL CIRCUIT INDICATOR
logo
Marktech Corporate
TLOH190P MARKTECH-TLOH190P Datasheet
224Kb / 5P
   Toshiba TLxH190 Series LEDs
More results

Similar Description - TLOH190P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com