Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLGTE1100B Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLGTE1100B
Description  Panel Circuit Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLGTE1100B Datasheet(HTML) 1 Page - Marktech Corporate

  TLGTE1100B Datasheet HTML 1Page - Marktech Corporate TLGTE1100B Datasheet HTML 2Page - Marktech Corporate TLGTE1100B Datasheet HTML 3Page - Marktech Corporate TLGTE1100B Datasheet HTML 4Page - Marktech Corporate TLGTE1100B Datasheet HTML 5Page - Marktech Corporate TLGTE1100B Datasheet HTML 6Page - Marktech Corporate TLGTE1100B Datasheet HTML 7Page - Marktech Corporate TLGTE1100B Datasheet HTML 8Page - Marktech Corporate TLGTE1100B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL(BE,GTE,EGE)1100B(T11)
2006-06-01
1
TLBE1100B(T11), TLGTE1100B(T11), TLEGE1100B(T11)
Panel Circuit Indicator
• Surface-mount devices
• 3.2 (L) × 2.8 (W) × 1.9 (H) mm
• Flat-top type
• InGaN LEDs
• High luminous intensity
• Low drive current, high-intensity light emission
• Colors:
Blue
λd=470nm(typ)
Bluish Green
λd=505nm(typ)
Green
λd=528nm(typ)
• Pb free reflow soldering is possible
• Applications: automotive use, message signboards, backlighting
etc.
• Standard embossed tape packing: T11 (2000/reel)
8-mm tape reel
Color and Material
Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Please see Note 1
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operation
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLBE1100B
129
TLGTE1100B
135
TLEGE1100B
30
4
132
−40~100
−40~100
Note 1: Forward current derating
TLBE1100B
TLGTE1100B,TLEGE1100B
Unit: mm
JEDEC
JEITA
TOSHIBA
4-3R1
Weight: 0.035 g (typ.)
Product Name
Color
Material
TLBE1100B
Blue
TLGTE1100B
Bluish green
TLEGE1100B
Green
InGaN
Ambient temperature Ta (°C)
IF – Ta
0
40
30
0
80
60
20
100
20
10
40
0
40
30
0
80
60
20
100
20
10
40
Ambient temperature Ta (°C)
IF – Ta
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Similar Part No. - TLGTE1100B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGTE1100B TOSHIBA-TLGTE1100B Datasheet
227Kb / 10P
   Panel Circuit Indicator
More results

Similar Description - TLGTE1100B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com