Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC5S40AG1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCC5S40AG1
Description  IDC BOX HEADER SMT 2.00mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC5S40AG1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCC5S40AG1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
335
Material & Finish
Contact Material:
PhosphorBronzeorBrass
Insulator Material:
Nylon6T,glassreinforced,ratedUL94V-0
Current Rating:
1Amp
Contact Resistance:
30MΩMax.
Insulator Resistance:
3000MΩMin.
Dielectric Withstanding
Voltage:
250VACforOneMinute
Operating Temperature:
-40°Cto+105°C
Position
A
B
C
6
13.10
12.10
4.00
8
15.10
14.10
6.00
10
17.10
16.10
8.00
12
19.10
18.10
10.00
14
21.10
20.10
12.00
16
23.10
22.10
14.00
20
27.10
26.10
18.00
22
29.10
28.10
20.00
24
31.10
30.10
22.00
26
33.10
32.10
24.00
30
37.10
36.10
28.00
34
41.10
40.10
32.00
36
43.10
42.10
34.00
40
47.10
46.10
38.00
44
51.10
50.10
42.00
50
57.10
56.10
48.00
68
75.10
74.10
66.00
IDC
BOX HEADER SMT 2.00mm
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various Plating contacts available
2.00mm pitch
DBC
IDC
C5S
26
Dubilier
Connectors
IDC
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
*=OtherPlating
available
06=06way
08=08way
10=10way
12=12way
14=14way
16=16way
20=20way
22=22way
24=24way
26=26way
30=30way
34=34way
36=36way
40=40way
44=44way
50=50way
68=68way
ContactMaterial
A=Brass
A
G
NºofWays
SPECIFICATION
Colour
1=Black
1
4.0
5.5
4.3
C
B
A
3.9
0.5*0.5
5.7
2.0
6.8
7.6
8.6
3.2
2.0
0.9
Recommended P.C.B Layout
RO
DUC
NEW


Similar Part No. - DBCIDCC5S40AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC5S40AG1 DUBILIER-DBCIDCC5S40AG1 Datasheet
317Kb / 3P
   IDC BOX HEADER STRAIGHT
More results

Similar Description - DBCIDCC5S40AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC7S30BGA1 DUBILIER-DBCIDCC7S30BGA1 Datasheet
84Kb / 1P
   IDC BOX HEADER SMT 1.27mm
DBCIDCC4426BG1 DUBILIER-DBCIDCC4426BG1 Datasheet
93Kb / 1P
   IDC BOX HEADER SMT 1.27mm
DBCIDCC3B26AG1 DUBILIER-DBCIDCC3B26AG1 Datasheet
81Kb / 1P
   IDC BOX HEADER SMT 2.54mm
logo
Assmann Electronics Inc...
AWHW2-16A-0102-T-R ASSMANN-AWHW2-16A-0102-T-R Datasheet
66Kb / 1P
   IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-26A-0102-T-R ASSMANN-AWHW2-26A-0102-T-R Datasheet
66Kb / 1P
   IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-24A-0102-T-R ASSMANN-AWHW2-24A-0102-T-R Datasheet
66Kb / 1P
   IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-06A-0102-T-R ASSMANN-AWHW2-06A-0102-T-R Datasheet
66Kb / 1P
   IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-08A-0102-T-R ASSMANN-AWHW2-08A-0102-T-R Datasheet
67Kb / 1P
   IDC Box Header Right Angle - 2.00MM Pitch
AWHW2-14A-0102-T-R ASSMANN-AWHW2-14A-0102-T-R Datasheet
66Kb / 1P
   IDC Box Header Right Angle - 2.00MM Pitch
logo
Adam Technologies, Inc.
FCP-XX-SG ADAM-TECH-FCP-XX-SG Datasheet
109Kb / 1P
   IDC BOX HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com