Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLYE1100B Datasheet(PDF) 3 Page - Marktech Corporate

Part # TLYE1100B
Description  TOSHIBA LED Lamps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLYE1100B Datasheet(HTML) 3 Page - Marktech Corporate

  TLYE1100B Datasheet HTML 1Page - Marktech Corporate TLYE1100B Datasheet HTML 2Page - Marktech Corporate TLYE1100B Datasheet HTML 3Page - Marktech Corporate TLYE1100B Datasheet HTML 4Page - Marktech Corporate TLYE1100B Datasheet HTML 5Page - Marktech Corporate TLYE1100B Datasheet HTML 6Page - Marktech Corporate TLYE1100B Datasheet HTML 7Page - Marktech Corporate TLYE1100B Datasheet HTML 8Page - Marktech Corporate TLYE1100B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TL(RE,SE,OE,YE,GE,FGE,PGE)1100B(T11)
2006-05-31
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRE1100B
40
100
320
20
PA / QA / RA / SA
TLSE1100B
63
180
500
20
QA / RA / SA / TA
TLOE1100B
63
150
500
20
QA / RA / SA / TA
TLYE1100B
63
150
500
20
QA / RA / SA / TA
TLGE1100B
40
100
320
20
PA / QA / RA / SA
TLFGE1100B
25
45
125
20
NA / PA / QA
TLPGE1100B
10
25
50
20
LA / MA / NA
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
LA
10
20
MA
16
32
NA
25
50
PA
40
80
QA
63
125
RA
100
200
SA
160
320
TA
250
500
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
∆λ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRE1100B
644
18
624
630
638
TLSE1100B
623
15
607
613
621
TLOE1100B
612
15
599
605
613
TLYE1100B
590
15
581
587
595
TLGE1100B
574
13
565
571
576
TLFGE1100B
568
11
561
565
569
TLPGE1100B
562
11
555
558
564
20
Unit
nm
nm
nm
mA
The cautions
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.


Similar Part No. - TLYE1100B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYE1100B TOSHIBA-TLYE1100B Datasheet
315Kb / 15P
   Panel Circuit Indicator
More results

Similar Description - TLYE1100B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com