Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCIDCC1D30AGB1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCIDCC1D30AGB1
Description  IDC SHROUDED LATCHED HEADER - SMT 2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCIDCC1D30AGB1 Datasheet(HTML) 1 Page - Dubilier

  DBCIDCC1D30AGB1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
321
IDC
SHROUDED LATCHED HEADER - SMT 2.54mm
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various plating contacts available
2.54mm pitch
Long or short latch
Material & Finish
Contact Material:
PhosphorBronzeorBrass
Insulator Material:
Nylon6T,glassreinforced,ratedUL94V-0
Current Rating:
2Amp
Contact Resistance:
30MΩMax
Insulator Resistance:
3000MΩMin
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C
DBC
IDC
C1D
26
Dubilier
Connectors
IDC
Connector
Series
ContactPlating
S=Selective
G=GoldFlash
*=OtherPlating
Features
A=LongLatch
B=ShortLatch
Colour
1=Black
10=10way
14=14way
16=16way
20=20way
24=24way
26=26way
30=30way
34=34way
40=40way
44=44way
50=50way
60=60way
64=64way
G
ContactMaterial
A=Brass
A
A
1
NºofWays
Position
A
B
C
D
E
10
32.24
10.16 27.52 21.57 18.25
14
37.32
15.24 32.60 26.65 23.33
16
39.86
17.78 35.14 29.19 25.87
20
44.94
22.86 40.22 34.27 30.95
24
50.02
27.94 45.30 39.35 36.03
26
52.56
30.48 47.84 41.89 38.57
30
57.64
35.56 52.92 46.97 43.65
34
62.72
40.64 58.00 52.05 48.73
40
70.34
48.26 65.62 59.67 56.35
44
75.42
53.34 70.70 64.75 61.43
50
83.04
60.96 78.32 72.37 69.05
60
95.74
73.66 91.02 85.07 81.75
64
100.82
78.74 96.10 90.15 86.83
2.54
8.4
A
B
E
4.6
0.64*0.64
STEEL
SWIN-LOCK
13.2
D
13.2
C
10.5
X
11.5
4.0
2.54
1.27
RO
DUC
NEW
ACCESSORIES
X
Y
LongLatch
27.8
14.6
ShortLatch
26.2
10.6


Similar Part No. - DBCIDCC1D30AGB1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC110AGA1 DUBILIER-DBCIDCC110AGA1 Datasheet
87Kb / 1P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC110AGA1 DUBILIER-DBCIDCC110AGA1 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC110AGA2 DUBILIER-DBCIDCC110AGA2 Datasheet
87Kb / 1P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC110AGA2 DUBILIER-DBCIDCC110AGA2 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC110AGB1 DUBILIER-DBCIDCC110AGB1 Datasheet
87Kb / 1P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
More results

Similar Description - DBCIDCC1D30AGB1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC44A26BG1 DUBILIER-DBCIDCC44A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER SMT 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1 Datasheet
83Kb / 1P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1 Datasheet
87Kb / 1P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1_11 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1_11 Datasheet
348Kb / 3P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC7B10BGA1 DUBILIER-DBCIDCC7B10BGA1_11 Datasheet
452Kb / 4P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC210ASA1 DUBILIER-DBCIDCC210ASA1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER - RIGHT ANGLED
DBCIDCC7B30BGA1 DUBILIER-DBCIDCC7B30BGA1 Datasheet
99Kb / 1P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC43A26BG1 DUBILIER-DBCIDCC43A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER RIGHT ANGLED 1.27mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com