Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRM1052 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLRM1052
Description  TOSHIBA LED Lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRM1052 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLRM1052 Datasheet HTML 1Page - Toshiba Semiconductor TLRM1052 Datasheet HTML 2Page - Toshiba Semiconductor TLRM1052 Datasheet HTML 3Page - Toshiba Semiconductor TLRM1052 Datasheet HTML 4Page - Toshiba Semiconductor TLRM1052 Datasheet HTML 5Page - Toshiba Semiconductor TLRM1052 Datasheet HTML 6Page - Toshiba Semiconductor TLRM1052 Datasheet HTML 7Page - Toshiba Semiconductor TLRM1052 Datasheet HTML 8Page - Toshiba Semiconductor TLRM1052 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1052(T20)
2009-07-23
5
TLRMM1052
Ta = 25°C
Radiation pattern
Case temperature Tc (°C)
IV – Tc
0.1
−40
1
10
−20
0
20
40
60
80
100
0.3
0.5
3
5
Wavelength
λ (nm)
Wavelength characteristic
0
580
600
620
640
660
680
700
0.2
0.4
0.6
0.8
1.0
IF = 20 mA
Ta
= 25°C
IF – VF
1
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3
10
30
100
Ta
= 25°C
Forward voltage VF (V)
Forward current IF
(mA)
IV – IF
10
1
10
100
1000
100
300
30
3000
3
30
Ta
= 25°C
30
°
0
°
60
°
90°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
50
°
40
°
20
°
10
°
80
°
90°


Similar Part No. - TLRM1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
More results

Similar Description - TLRM1052

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRE1002A TOSHIBA-TLRE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLUR124 TOSHIBA-TLUR124 Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLGD231 TOSHIBA-TLGD231 Datasheet
177Kb / 4P
   TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com