Electronic Components Datasheet Search |
|
TLYH50TF Datasheet(PDF) 3 Page - Marktech Corporate |
|
TLYH50TF Datasheet(HTML) 3 Page - Marktech Corporate |
3 / 8 page TLRH50T(F),TLSH50T(F),TLOH50T(F),TLYH50T(F) 2006-12-5 3 Maximum Ratings (Ta = 25°C) Electrical and Optical Characteristics (Ta = 25°C) Typ. Emission Wavelength Luminous Intensity IV Forward Voltage VF Reverse Current IR Product Name λd λP ∆λ IF Min Typ. IF Typ. Max IF Max VR TLRH50T(F) 630 (644) 13 20 850 2000 20 1.9 2.4 20 50 4 TLSH50T(F) 613 (623) 13 20 2720 4700 20 2.0 2.4 20 50 4 TLOH50T(F) 605 (612) 13 20 1530 5800 20 2.0 2.4 20 50 4 TLYH50T(F) 587 (590) 13 20 1530 4400 20 2.0 2.4 20 50 4 Unit nm mA mcd mA V mA µA V Precautions Please be careful of the following: • Soldering temperature: 260°C max, soldering time: 3 s max (Soldering portion of lead: up to 1.6 mm from the body of the device) • If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress to the resin. Soldering should be performed after lead forming. • This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light. Product Name Forward Current IF (mA) Reverse Voltage VR (V) Power Dissipation PD (mW) Operating Temperature Topr (°C) Storage Temperature Tstg (°C) TLRH50T(F) TLSH50T(F) TLOH50T(F) TLYH50T(F) 50 4 120 −40~100 −40~120 Preliminary |
Similar Part No. - TLYH50TF |
|
Similar Description - TLYH50TF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |