Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCPHC1020AG1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCPHC1020AG1
Description  PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPHC1020AG1 Datasheet(HTML) 1 Page - Dubilier

  DBCPHC1020AG1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
188
PIN HEADERS
SINGLE ROW RIGHT ANGLE 1.27MM
SPECIFICATION
ORDERING INFORMATION
DBC
PH
C10
10
A
Dubilier
Connectors
PinHEader
Connector
Series
No.ofContacts
02=2way
throto
50=50way
ContactMaterial
A=Brass
ContactPlating
G=GoldPlating
G
Colour
1=Black
1
Industry compatible
Competitively priced
Gold plated contacts
No. of contacts 02 to 50
1.27mm pitch
OUTLINE DRAWING
X
Y
2.54
2.54
1.27
G
mm
E
mm
F
mm
3.2
7.5
2.8
G
F
E
x
1.27 * Position No.
y
1.27 * (Position No.1)
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMaxat6VDC0.3A
Insulator Resistance:
1000MΩMinat500VDC
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C


Similar Part No. - DBCPHC1020AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC1102A1-XXX DUBILIER-DBCPHC1102A1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
DBCPHC1102AG1-XXX DUBILIER-DBCPHC1102AG1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
DBCPHC1102AS1-XXX DUBILIER-DBCPHC1102AS1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
DBCPHC1102AT1-XXX DUBILIER-DBCPHC1102AT1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
DBCPHC1104A1-XXX DUBILIER-DBCPHC1104A1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
More results

Similar Description - DBCPHC1020AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
DBCPHC0910AG1 DUBILIER-DBCPHC0910AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC2804AG1-XXX DUBILIER-DBCPHC2804AG1-XXX Datasheet
107Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
DBCPHC4504AG1-XXX DUBILIER-DBCPHC4504AG1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
DBCPHC4604AG1-XXX DUBILIER-DBCPHC4604AG1-XXX Datasheet
101Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW 1.27mm
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
DBCPHC2206AG1-XXX DUBILIER-DBCPHC2206AG1-XXX Datasheet
137Kb / 1P
   PIN HEADERS TRIPLE ROW RIGHT ANGLE
DBCPHC1104AG1-XXX DUBILIER-DBCPHC1104AG1-XXX Datasheet
89Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 1.27MM
logo
Tyco Electronics
281698 MACOM-281698 Datasheet
71Kb / 1P
   HEADERS HEI4, SINGLE ROW, RIGHT ANGLE
logo
Dubilier
DBCPHC3004AG1-XXX DUBILIER-DBCPHC3004AG1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com