Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSK1100C Datasheet(PDF) 5 Page - Marktech Corporate

Part # TLSK1100C
Description  TOSHIBA LED Lamps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLSK1100C Datasheet(HTML) 5 Page - Marktech Corporate

  TLSK1100C Datasheet HTML 1Page - Marktech Corporate TLSK1100C Datasheet HTML 2Page - Marktech Corporate TLSK1100C Datasheet HTML 3Page - Marktech Corporate TLSK1100C Datasheet HTML 4Page - Marktech Corporate TLSK1100C Datasheet HTML 5Page - Marktech Corporate TLSK1100C Datasheet HTML 6Page - Marktech Corporate TLSK1100C Datasheet HTML 7Page - Marktech Corporate TLSK1100C Datasheet HTML 8Page - Marktech Corporate TLSK1100C Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TL(RK,RMK,SK,OK,YK)1100C(T11)
2007-04-19
5
HOL-0206
Tentative
TLRK1100C
Forward voltage VF (V)
IF – VF
Forward current IF
(mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Wavelength characteristic
Ta = 25°C
Radiation pattern
1
1.6
1.8
2.0
2.2
2.4
10
100
30
3
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
0
580
620
640
660
700
0.2
0.4
0.6
0.8
1.0
IF = 20 mA
Ta
= 25°C
600
680
Ta
= 25°C
10
1000
1
50
500
300
100
30
50
3
5
10
30
100
0.1
−25
50
0.3
0.5
10
0
100
5
25
75
3
1
(typ.)
(typ.)
(typ.)
(typ.)
(typ.)


Similar Part No. - TLSK1100C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSK1100C TOSHIBA-TLSK1100C Datasheet
292Kb / 13P
   Panel Circuit Indicator
TLSK1100C TOSHIBA-TLSK1100C Datasheet
323Kb / 13P
   Panel Circuit Indicators
TLSK1100CT11 TOSHIBA-TLSK1100CT11 Datasheet
323Kb / 13P
   Panel Circuit Indicators
More results

Similar Description - TLSK1100C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com