Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBCMDL8PP2M Datasheet(PDF) 1 Page - Dubilier

Part # DBCMDL8PP2M
Description  cable assemblies Mini Din. moulded leads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCMDL8PP2M Datasheet(HTML) 1 Page - Dubilier

  DBCMDL8PP2M Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
229
CablE aSSEmblIES
mINI DIN. mOulDED lEaDS
ORDERING INFORMATION
Colour coded wires
Fully screened
Other lengths, colours available
Custom logos available
Wire Type
28AWG
Voltage
AC500V min (for 1 minute)
Insulation Resistance
1000M Ω min
Current Rating
1A
Working Temperature
-55˚C to +105˚C
Pin
Colour
1
Black
2
White
3
Red
4
Yellow
5
Purple
Pin
Colour
6
Blue
7
Green
8
Brown
9
Orange
SPECIFICATION
OUTLINE DRAWING
1
3
2
P1
MD6M
41.6
35±5
3±1
2000±50
P1
M
M
41.6
2000
1
3
5
6
4
2
P1
M
F
41.6
2000
1 3 5
6
4
2
DBC
MDL
3
PFE
Dubilier
Connectors
Mini Din Leads
No. of Ways
3 = 3 Ways
4 = 4 Ways
5 = 5 Ways
6 = 6 Ways
7 = 7 Ways
8 = 8 Ways
9 = 9 Ways
Cable Length
2M = 2 metres
2M
Lead Style
PFE = Plug to Free End
PS = Plug to Socket
PP = Plug to Plug


Similar Part No. - DBCMDL8PP2M

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCMDL8PP2M DUBILIER-DBCMDL8PP2M Datasheet
167Kb / 1P
   CABLE ASSEMBLIES MINI DIN. MOULDED LEADS
More results

Similar Description - DBCMDL8PP2M

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCMDL7PFE2M DUBILIER-DBCMDL7PFE2M_11 Datasheet
167Kb / 1P
   CABLE ASSEMBLIES MINI DIN. MOULDED LEADS
DBCUSB2AA3M DUBILIER-DBCUSB2AA3M Datasheet
81Kb / 1P
   cable assemblies USB 2.0 Moulded Leads
DBCUSB2AA3M DUBILIER-DBCUSB2AA3M_11 Datasheet
144Kb / 1P
   CABLE ASSEMBLIES USB 2.0 MOULDED LEADS
DBC5EPLB3M DUBILIER-DBC5EPLB3M_11 Datasheet
126Kb / 1P
   CABLE ASSEMBLIES CAT5E MOULDED PATCH LEADS
DBC5EPLB3M DUBILIER-DBC5EPLB3M Datasheet
67Kb / 1P
   CAT5E MOULDED PATCH LEADS
logo
PHOENIX CONTACT
2400127 PHOENIX-2400127 Datasheet
109Kb / 5P
   Connecting cable - COM CAB MINI DIN
Dec 8, 2022
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
   Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
   Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
   Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
   Cable Assemblies
Rev 01MAY21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com