Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLYK1100CT11 Datasheet(PDF) 4 Page - Marktech Corporate

Part # TLYK1100CT11
Description  TOSHIBA LED Lamps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLYK1100CT11 Datasheet(HTML) 4 Page - Marktech Corporate

  TLYK1100CT11 Datasheet HTML 1Page - Marktech Corporate TLYK1100CT11 Datasheet HTML 2Page - Marktech Corporate TLYK1100CT11 Datasheet HTML 3Page - Marktech Corporate TLYK1100CT11 Datasheet HTML 4Page - Marktech Corporate TLYK1100CT11 Datasheet HTML 5Page - Marktech Corporate TLYK1100CT11 Datasheet HTML 6Page - Marktech Corporate TLYK1100CT11 Datasheet HTML 7Page - Marktech Corporate TLYK1100CT11 Datasheet HTML 8Page - Marktech Corporate TLYK1100CT11 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TL(RK,RMK,SK,OK,YK)1100C(T11)
2007-04-19
4
HOL-0206
Tentative
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRK1100C
100
300
500
20
RA / SA / TA
TLRMK1100C
160
400
800
20
SA / TA / UA
TLSK1100C
250
500
1250
20
TA / UA / VA
TLOK1100C
250
500
1250
20
TA / UA / VA
TLYK1100C
160
400
800
20
SA / TA / UA
Unit
mcd
mcd
mcd
mA
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
RA
100
200
SA
160
320
TA
250
500
UA
400
800
VA
630
1250
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
∆λ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRK1100C
644
14
624
630
638
TLRMK1100C
636
14
620
626
634
TLSK1100C
623
14
607
613
621
TLOK1100C
612
14
599
605
613
TLYK1100C
592
13
583
590
595
20
Unit
nm
nm
nm
mA
The cautions
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.


Similar Part No. - TLYK1100CT11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYK1100CT11 TOSHIBA-TLYK1100CT11 Datasheet
323Kb / 13P
   Panel Circuit Indicators
More results

Similar Description - TLYK1100CT11

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com