Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLYK31TF Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLYK31TF
Description  TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLYK31TF Datasheet(HTML) 2 Page - Marktech Corporate

  TLYK31TF Datasheet HTML 1Page - Marktech Corporate TLYK31TF Datasheet HTML 2Page - Marktech Corporate TLYK31TF Datasheet HTML 3Page - Marktech Corporate TLYK31TF Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLYK31T(F)
2007-01-24
2
HOL-0132
Electrical And Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 20 mA
1.9
2.4
2.6
V
Reverse current
IR
VR = 4 V
50
µA
Luminous intensity
IV
IF = 20 mA
(Note)
1530
4000
mcd
Peak emission wavelength
λP
IF = 20 mA
(594)
nm
Spectral line half width
∆λ
IF = 20 mA
13
nm
Dominant wavelength
λd
IF = 20 mA
(Note)
581
590
595
nm
(Note): Lamps are classified into the following ranks according to Iv and λd, and packed in boxes
by each rank.
Iv-rank ⇒ T: 1530−4140mcd, U: 2720−7360mcd, V: 4760mcd−
λd-rank ⇒ 1: 581−588nm, 2: 585−592nm, 3: 589−595nm
Precaution
Please be careful of the followings
• Soldering temperature: 260°C max
Soldering time: 3 s max
(Soldering portion of lead: below the lead stopper of the device)
• If the lead is formed, the lead should be formed up to below the lead stopper of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.


Similar Part No. - TLYK31TF

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLYK31TP MARKTECH-TLYK31TP Datasheet
160Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
TLYK31TPF MARKTECH-TLYK31TPF Datasheet
160Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
More results

Similar Description - TLYK31TF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYE260A TOSHIBA-TLYE260A Datasheet
125Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Marktech Corporate
TLYK37TPMT MARKTECH-TLYK37TPMT Datasheet
266Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Toshiba Semiconductor
TLYK16TAPMT TOSHIBA-TLYK16TAPMT Datasheet
213Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Marktech Corporate
TLYK31TP MARKTECH-TLYK31TP Datasheet
160Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Toshiba Semiconductor
TLYK16TAPTPK53 TOSHIBA-TLYK16TAPTPK53 Datasheet
479Kb / 7P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Marktech Corporate
TLYK37TPTPK53 MARKTECH-TLYK37TPTPK53 Datasheet
582Kb / 7P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
logo
Toshiba Semiconductor
TLYH180P TOSHIBA-TLYH180P Datasheet
120Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Yellow Light Emission
TLRMK37TPK53 TOSHIBA-TLRMK37TPK53 Datasheet
588Kb / 7P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
TLSH180P TOSHIBA-TLSH180P Datasheet
123Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
logo
Marktech Corporate
TLRMK31T MARKTECH-TLRMK31T Datasheet
173Kb / 4P
   TOSHIBA LED Lamp InGaA?밣 Red Light Emission
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com