Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP42S-GKS Datasheet(PDF) 3 Page - Cree, Inc

Part # CP42S-GKS
Description  P4 LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP42S-GKS Datasheet(HTML) 3 Page - Cree, Inc

  CP42S-GKS Datasheet HTML 1Page - Cree, Inc CP42S-GKS Datasheet HTML 2Page - Cree, Inc CP42S-GKS Datasheet HTML 3Page - Cree, Inc CP42S-GKS Datasheet HTML 4Page - Cree, Inc CP42S-GKS Datasheet HTML 5Page - Cree, Inc CP42S-GKS Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CLD-CT1147.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Flux Bin Limit (I
F = 30 mA)
Tolerance of measurement of luminous flux is ±15%.
Color Bin Limit (I
F = 30 mA)
VF Bin Limit (I
F = 30 mA)
Tolerance of measurement of dominant wavelength is ±1 nm.
Green
Bin Code
4.4 Min.(V)
Max. (V)
27
2.8
3.0
28
3.0
3.2
29
3.2
3.4
2a
3.4
3.6
2b
3.6
3.8
2c
3.8
4.0
2d
4.0
4.2
2e
4.2
4.4
Tolerance of measurement of VF is ± 0.05 V.
Green
Bin Code
Min. (nm)
Max. (nm)
G6
515
520
G7
520
525
G8
525
530
G9
530
535
Green
Bin Code
Min. (mlm)
Max. (mlm)
E0
1100
1650
F0
1650
2200
G0
2200
2750
H0
2750
3300


Similar Part No. - CP42S-GKS

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
CP4200SB JIEJIE-CP4200SB Datasheet
214Kb / 5P
   Excellent capability of absorbing transient surge
CP4200SC JIEJIE-CP4200SC Datasheet
214Kb / 5P
   Excellent capability of absorbing transient surge
CP4200SD JIEJIE-CP4200SD Datasheet
214Kb / 5P
   Excellent capability of absorbing transient surge
logo
Marktech Corporate
CP42B MARKTECH-CP42B Datasheet
519Kb / 8P
   P4 LED
logo
Cree, Inc
CP42B-AKS CREE-CP42B-AKS Datasheet
356Kb / 6P
   P4 LED
More results

Similar Description - CP42S-GKS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com