Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16072 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16072
Description  μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16072 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX16072 Datasheet HTML 1Page - Maxim Integrated Products MAX16072 Datasheet HTML 2Page - Maxim Integrated Products MAX16072 Datasheet HTML 3Page - Maxim Integrated Products MAX16072 Datasheet HTML 4Page - Maxim Integrated Products MAX16072 Datasheet HTML 5Page - Maxim Integrated Products MAX16072 Datasheet HTML 6Page - Maxim Integrated Products MAX16072 Datasheet HTML 7Page - Maxim Integrated Products MAX16072 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
_______________________________________________________________________________________ 7
µP Supervisory Circuits in
4-Bump (1mm x 1mm) Chip-Scale Package
Manual Reset Input (MR)
Many FP-based products require manual-reset capabil-
ity, allowing the operator, a test technician, or external
logic circuit to initiate a reset. A logic-low on MR asserts
reset. Reset remains asserted while MR is low, and for
the reset active timeout period (tRP) or delay (tON) after
MR returns high. This input has an internal 50kI pullup
resistor, so it can be left unconnected if it is not used.
MR can be driven with TTL or CMOS logic levels, or
with open-drain/collector outputs. For manual operation,
connect a normally open momentary switch from MR to
GND; external debouncing circuitry is not required. If MR
is driven from long cables or if the device is used in a
noisy environment, connect a 0.1FF capacitor from MR to
ground to provide additional noise immunity.
Applications Information
Interfacing to µP with
Bidirectional Reset Pins
Since RESET on the MAX16074 is open-drain, this
device interfaces easily with FPs that have bidirectional
reset pins. Connecting the FP supervisor’s RESET output
directly to the FP’s RESET pin with a single pullup resis-
tor allows either device to assert reset (Figure 2).
Negative-Going VCC Transients
The MAX16072/MAX16073/MAX16074 family of devic-
es is relatively immune to short-duration, negative-
going VCC transients (glitches). The Typical Operating
Characteristics show the Maximum Transient Duration
vs. Reset Threshold Overdrive graph, for which reset
pulses are not generated. The graph shows the maxi-
mum pulse width that a negative-going VCC transient
may typically have when issuing a reset signal. As the
amplitude of the transient increases, the maximum allow-
able pulse width decreases.
Figure 2. Interfacing to
µP with Bidirectional Reset Pins
Table 1. Factory Trimmed Reset
Thresholds
Table 2. Reset Timeout Periods
RESET
INPUT
VCC
µP
VCC
RESET
GND
GND
VCC
MR
MAX16074
MOTOROLA
68HCXX
THRESHOLD
SUFFIX
RESET TRIP THRESHOLD (V)
TA = +25NC
TA = -40NC to +85NC
TYP
MIN
MAX
15
1.58
1.54
1.61
16
1.63
1.60
1.66
17
1.67
1.62
1.71
18
1.80
1.76
1.85
19
1.90
1.85
1.95
20
2.00
1.95
2.05
21
2.10
2.05
2.15
22
2.20
2.145
2.25
23
2.32
2.262
2.375
24
2.40
2.34
2.46
25
2.50
2.437
2.562
26
2.63
2.564
2.69
27
2.70
2.633
2.768
28
2.80
2.63
2.87
29
2.93
2.857
3.0
30
3.00
2.925
3.075
31
3.08
3.003
3.15
RESET TIMEOUT PERIODS
SUFFIX
MIN
TYP
MAX
UNITS
0
20
80
120
F
s
1
8
13
17
ms
2
34
52
69
ms
3
140
210
280
ms


Similar Part No. - MAX16072

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607 Datasheet
133Kb / 8P
   USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16071 MAXIM-MAX16071 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX1607ESA MAXIM-MAX1607ESA Datasheet
133Kb / 8P
   USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
MAX1607ESA MAXIM-MAX1607ESA Datasheet
245Kb / 10P
   USB Current-Limited Switch in Pin-Compatible Package
Rev 2; 09/07
More results

Similar Description - MAX16072

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
logo
Micro Electronics
MS73D MICRO-ELECTRONICS-MS73D Datasheet
55Kb / 1P
   RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
MSB73D MICRO-ELECTRONICS-MSB73D Datasheet
50Kb / 1P
   RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
logo
LUMEX INC.
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX706RESA-T MAXIM-MAX706RESA-T Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com