Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16072RSD+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16072RSD+
Description  μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16072RSD+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16072RSD+ Datasheet HTML 1Page - Maxim Integrated Products MAX16072RSD+ Datasheet HTML 2Page - Maxim Integrated Products MAX16072RSD+ Datasheet HTML 3Page - Maxim Integrated Products MAX16072RSD+ Datasheet HTML 4Page - Maxim Integrated Products MAX16072RSD+ Datasheet HTML 5Page - Maxim Integrated Products MAX16072RSD+ Datasheet HTML 6Page - Maxim Integrated Products MAX16072RSD+ Datasheet HTML 7Page - Maxim Integrated Products MAX16072RSD+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
_______________________________________________________________________________________ 3
µP Supervisory Circuits in
4-Bump (1mm x 1mm) Chip-Scale Package
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.5V to 2.75V, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC and VCC = 3.6V.) (Note 1)
Note 1: Production testing done at TA = +25NC only. Overtemperature limits are guaranteed by design and are not production
tested.
Note 2: Guaranteed by design.
Note 3: Reset is guaranteed down to VCC = 1.0V.
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1
2
3
4
5
0
1.0
5.5
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
85
VCC = 5V
VCC = 3V
VCC = 1.8V
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.2
-0.1
0
0.1
0.2
0.3
-0.3
-40
85
VCC FALLING
VCC RISING
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reset Active Timeout Period
tRP
VCC rising, VCC
= (VTH - 100mV)
to (VTH + 100mV)
MAX1607_RSD0+
20
80
120
F
s
MAX1607_RSD1+
8
13
17
ms
MAX1607_RSD2+
34
52
69
ms
MAX1607_RSD3+
140
210
280
ms


Similar Part No. - MAX16072RSD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607 Datasheet
133Kb / 8P
   USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16071 MAXIM-MAX16071 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX1607ESA MAXIM-MAX1607ESA Datasheet
133Kb / 8P
   USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
MAX1607ESA MAXIM-MAX1607ESA Datasheet
245Kb / 10P
   USB Current-Limited Switch in Pin-Compatible Package
Rev 2; 09/07
More results

Similar Description - MAX16072RSD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
logo
Micro Electronics
MS73D MICRO-ELECTRONICS-MS73D Datasheet
55Kb / 1P
   RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
MSB73D MICRO-ELECTRONICS-MSB73D Datasheet
50Kb / 1P
   RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
logo
LUMEX INC.
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX706RESA-T MAXIM-MAX706RESA-T Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com