Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16073RSD+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16073RSD+
Description  μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16073RSD+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16073RSD+ Datasheet HTML 1Page - Maxim Integrated Products MAX16073RSD+ Datasheet HTML 2Page - Maxim Integrated Products MAX16073RSD+ Datasheet HTML 3Page - Maxim Integrated Products MAX16073RSD+ Datasheet HTML 4Page - Maxim Integrated Products MAX16073RSD+ Datasheet HTML 5Page - Maxim Integrated Products MAX16073RSD+ Datasheet HTML 6Page - Maxim Integrated Products MAX16073RSD+ Datasheet HTML 7Page - Maxim Integrated Products MAX16073RSD+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
µP Supervisory Circuits in
4-Bump (1mm x 1mm) Chip-Scale Package
General Description
The MAX16072/MAX16073/MAX16074 ultra-small, ultra-
low-power, microprocessor (µP) supervisory circuits
feature a precision band-gap reference, comparator,
and internally trimmed resistors that set the threshold
voltage. Designed to monitor the system supply voltage
and assert an output during power-up, power-down,
and brownout conditions, these devices provide excel-
lent circuit reliability and low cost by eliminating external
components and adjustments when monitoring nominal
system voltage from 1.8V to 3.6V.
The MAX16072 has a push-pull, active-low reset output,
the MAX16073 has a push-pull, active-high reset output,
and the MAX16074 has an open-drain active-low reset
output. The devices are designed to ignore fast tran-
sients on VCC. The devices also include a manual reset
input (MR).
The MAX16072/MAX16073/MAX16074 are available in a
1mm x 1mm, space-saving, 4-bump, chip-scale pack-
age (UCSPTM).
Applications
Portable/Battery-Powered Equipment
Cell Phones
PDAs
MP3 Players
Digital Cameras
Features
S
Ultra-Low, 0.7µA Supply Current
S
Ultra-Small (1mm x 1mm), 4-Bump UCSP
S
20µs, 8ms, 34ms, and 140ms Reset Timeout
Options Available
S
Factory-Trimmed Reset Thresholds Available
from 1.58V to 3.08V in Approximately 100mV
Increments
S Q
2.5% Threshold Accuracy Over Temperature
S
Manual Reset Input
S
Guaranteed Reset Valid to VCC = 1.0V
S
Immune to Short VCC Transient
19-5112; Rev 0; 1/10
+Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information
Typical Operating Circuit
Note: All devices are specified over the -40NC to +85NC operat-
ing temperature range.
Insert the desired suffix numbers (from Table 1) into the blanks
“RS_ _D” to indicate the reset trip threshold. Insert the desired
suffix number (from Table 2) into the blank ”D_+” to indicate the
reset timeout. Minimum order quantity may apply.
UCSP is a trademark of Maxim Integrated Products, Inc.
RESET
INPUT
( ) FOR THE MAX16073 ONLY
µP
(RESET)/
RESET
VCC
VCC
GND
MR
MAX16072
MAX16073
MAX16074
VCC
GND
PART
RESET OUTPUT TYPE
PIN-
PACKAGE
MAX16072RS_ _D_+
Push-Pull, Active-Low
4 UCSP
MAX16073RS_ _D_+
Push-Pull, Active-High
4 UCSP
MAX16074RS_ _D_+ Open-Drain, Active-Low 4 UCSP


Similar Part No. - MAX16073RSD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607 Datasheet
133Kb / 8P
   USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16071 MAXIM-MAX16071 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX1607ESA MAXIM-MAX1607ESA Datasheet
133Kb / 8P
   USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
MAX1607ESA MAXIM-MAX1607ESA Datasheet
245Kb / 10P
   USB Current-Limited Switch in Pin-Compatible Package
Rev 2; 09/07
More results

Similar Description - MAX16073RSD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX6406 MAXIM-MAX6406 Datasheet
144Kb / 8P
   Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Rev 1; 8/01
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
logo
Micro Electronics
MS73D MICRO-ELECTRONICS-MS73D Datasheet
55Kb / 1P
   RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
MSB73D MICRO-ELECTRONICS-MSB73D Datasheet
50Kb / 1P
   RED LED ENCAPSULATED IN A 1mm x 5mm RECTANGULAR BARS PACKAGE
logo
LUMEX INC.
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
logo
Maxim Integrated Produc...
MAX705 MAXIM-MAX705_10 Datasheet
169Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 8; 3/10
MAX706RESA-T MAXIM-MAX706RESA-T Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
MAX708ESA MAXIM-MAX708ESA Datasheet
229Kb / 12P
   Low-Cost, μP Supervisory Circuits
Rev. 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com