Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK38 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # SK38
Description  3.0Amp. Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK38 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  SK38 Datasheet HTML 1Page - Cystech Electonics Corp. SK38 Datasheet HTML 2Page - Cystech Electonics Corp. SK38 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C754SA
Issued Date : 2006.07.13
Revised Date :
Page No. : 3/3
SK3XSA
CYStek Product Specification
SMA Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.055
0.062
1.40
1.60
E
0.030
0.060
0.76
1.52
B
0.098
0.114
2.50
2.90
F
0.002
0.008
0.051
0.203
C
0.157
0.181
4.00
4.60
G
0.188
0.208
4.80
5.28
D
0.078
0.096
2.00
2.44
H
0.006
0.012
0.152
0.305
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
A
B
C
H
E
G
D
F
SMA/DO-214AC Plastic
Surface Mounted Package
CYStek Package Code : SA
Marking :
Device SK32
SK34
SK36
SK38
Code
SK32
SK34
SK36
SK38
Device SK3B
Code
SK3B


Similar Part No. - SK38

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SK38 KEXIN-SK38 Datasheet
648Kb / 3P
   Schottky Diodes
logo
Pan Jit International I...
SK38 PANJIT-SK38 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Shenzhen Yixinwei Techn...
SK38 YIXIN-SK38 Datasheet
111Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DAESAN ELECTRONIC CORP.
SK38 DAESAN-SK38 Datasheet
289Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Gaomi Xinghe Electronic...
SK38 GXELECTRONICS-SK38 Datasheet
351Kb / 2P
   SURFA CE MOUN T SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK38

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3100SC CYSTEKEC-SK3100SC Datasheet
367Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK3150SB CYSTEKEC-SK3150SB Datasheet
256Kb / 4P
   3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA582XSA CYSTEKEC-CSMA582XSA Datasheet
142Kb / 3P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK34SA CYSTEKEC-SK34SA Datasheet
257Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK320SC CYSTEKEC-SK320SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
SK340SC CYSTEKEC-SK340SC Datasheet
194Kb / 6P
   3.0Amp. Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com