Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62726AFG Datasheet(PDF) 5 Page - Marktech Corporate

Part # TB62726AFG
Description  16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62726AFG Datasheet(HTML) 5 Page - Marktech Corporate

  TB62726AFG Datasheet HTML 1Page - Marktech Corporate TB62726AFG Datasheet HTML 2Page - Marktech Corporate TB62726AFG Datasheet HTML 3Page - Marktech Corporate TB62726AFG Datasheet HTML 4Page - Marktech Corporate TB62726AFG Datasheet HTML 5Page - Marktech Corporate TB62726AFG Datasheet HTML 6Page - Marktech Corporate TB62726AFG Datasheet HTML 7Page - Marktech Corporate TB62726AFG Datasheet HTML 8Page - Marktech Corporate TB62726AFG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TB62726ANG/AFG
2005-12-21
4
Terminal Description
Pin No.
Pin Name
Function
1
GND
GND terminal for control logic
2
SERIAL-IN
Input terminal for serial data for data shift register
3
CLOCK
Input terminal for clock for data shift on rising edge
4
LATCH
Input terminal for data strobe
When the LATCH input is driven High, data is not latched. When it is pulled Low, data is
latched.
5 to 20
OUT0 to OUT15
Constant-current output terminals
21
ENABLE
Input terminal for output enable.
All outputs ( OUT0 to OUT15 ) are turned off, when the ENABLE terminal is driven High.
And are turned on, when the terminal is driven Low.
22
SERIAL-OUT
Output terminal for serial data input on SERIAL-IN terminal
23
R-EXT
Input terminal used to connect an external resistor. This regulated the output current.
24
VDD
3.3-V/5-V supply voltage terminal
Equivalent Circuits for Inputs and Outputs
1. ENABLE terminal
2. LATCH terminal
3. CLOCK, SERIAL-IN terminal
4. SERIAL-OUT terminal
5. OUT0 to OUT15 terminals
VDD
ENABLE
GND
R (UP)
VDD
LATCH
GND
R (DOWN)
CLOCK,
SERIAL-IN
VDD
GND
VDD
GND
Internal data
SERIAL-OUT
Parasitic Diode
OUT0 to OUT15
GND


Similar Part No. - TB62726AFG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62726AFG MARKTECH-TB62726AFG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726AFG TOSHIBA-TB62726AFG Datasheet
251Kb / 19P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
More results

Similar Description - TB62726AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62726ANG TOSHIBA-TB62726ANG Datasheet
251Kb / 19P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
TB62726AN TOSHIBA-TB62726AN Datasheet
254Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Marktech Corporate
TB62726ANG MARKTECH-TB62726ANG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726N TOSHIBA-TB62726N Datasheet
535Kb / 16P
   16 BIT CONSTANT CURRENT LED DRIVER WITH OPERATING VOLTAGE OF 3.3 V
TC62D776CFNAG TOSHIBA-TC62D776CFNAG Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
logo
Marktech Corporate
TB62725BPG MARKTECH-TB62725BPG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
TB62778FNG MARKTECH-TB62778FNG Datasheet
247Kb / 23P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
logo
Toshiba Semiconductor
TB62D612FTG TOSHIBA-TB62D612FTG Datasheet
616Kb / 24P
   24-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com