Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB62778FNG Datasheet(PDF) 9 Page - Marktech Corporate

Part # TB62778FNG
Description  8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62778FNG Datasheet(HTML) 9 Page - Marktech Corporate

Back Button TB62778FNG Datasheet HTML 5Page - Marktech Corporate TB62778FNG Datasheet HTML 6Page - Marktech Corporate TB62778FNG Datasheet HTML 7Page - Marktech Corporate TB62778FNG Datasheet HTML 8Page - Marktech Corporate TB62778FNG Datasheet HTML 9Page - Marktech Corporate TB62778FNG Datasheet HTML 10Page - Marktech Corporate TB62778FNG Datasheet HTML 11Page - Marktech Corporate TB62778FNG Datasheet HTML 12Page - Marktech Corporate TB62778FNG Datasheet HTML 13Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TENTATIVE
TB62778FNG
(Ver.0.0) 08-02-07
9
Switching Characteristics (Unless otherwise specified, Ta = 25°C, VDD = 3 to 3.6 V)
Characteristics
Symbol
Test
Circuit
Test Condition
(Note 1)
Min
Typ.
Max
Unit
tpLH1
6
CLK- OUTn , LATCH
= “H”,
ENABLE
= “L”
300
tpLH2
6
LATCH
- OUTn ,
ENABLE
= “L”
300
tpLH3
6
ENABLE -
OUTn ,
LATCH
= “H”
300
tpLH
6
CLK-SERIAL OUT
2
14
tpHL1
6
CLK-
OUTn , LATCH
= “H”,
ENABLE
= “L”
340
tpHL2
6
LATCH
- OUTn ,
ENABLE
= “L”
340
tpHL3
6
ENABLE -
OUTn ,
LATCH
= “H”
340
Propagation delay time
tpHL
6
CLK-SERIAL OUT
2
14
Output rise time
tor
6
10% to 90% points of
OUT0
to
OUT7 voltage waveforms
150
Output fall time
tof
6
90% to 10% points of OUT0
to
OUT7 voltage waveforms
300
ns
Note 1: Topr = 25°C, VDD = VIH = 3.3 V, VIL = 0 V, REXT = 1.2 kΩ, IOUT = 15mA, VL = 5.0 V,
CL = 10.5pF (see test circuit 6.)


Similar Part No. - TB62778FNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62778FNGEL TOSHIBA-TB62778FNGEL Datasheet
1Mb / 16P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results

Similar Description - TB62778FNG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
194Kb / 17P
   8-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TB62725BPG MARKTECH-TB62725BPG Datasheet
514Kb / 17P
   8-BIT CONSTANT - CURRENT LED DRIVER OF THE 3.3-V AND 5-V POWER SUPPLY VOLTAGE OPERATION
logo
Toshiba Semiconductor
TB62D612FTG TOSHIBA-TB62D612FTG Datasheet
616Kb / 24P
   24-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply Voltage Operation
TC62D776CFNAG TOSHIBA-TC62D776CFNAG Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
TC62D776CFG TOSHIBA-TC62D776CFG Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver of the 3.3-V and 5-V Power Supply
TB62783FNG TOSHIBA-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62781FNG TOSHIBA-TB62781FNG Datasheet
81Kb / 6P
   9-Channel Constant-Current LED Driver of the 3.3V and 5V Power Supply Voltage Operation
TB62726AN TOSHIBA-TB62726AN Datasheet
254Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Marktech Corporate
TB62726ANG MARKTECH-TB62726ANG_09 Datasheet
585Kb / 18P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
TB62726ANG MARKTECH-TB62726ANG Datasheet
389Kb / 17P
   16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com