Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1K Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GS1K
Description  1.0 AMPS. Surface Mount Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GS1K Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GS1K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GS1K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS1A - GS1M
1.0 AMPS. Surface Mount Silicon Rectifiers
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
GS1A GS1B GS1D GS1G GS1J GS1K GS1M
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I(AV)
A
IFSM
A
VF
V
Cj
pF
JA
JL
OC/W
TJ
OC
TSTG
OC
Notes: 1. Pulse Test with PW=300u sec, 1% Duty Cycle.
2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
3. Measured at f=1.0MHz, VR= 4.0V D.C.
Esay pick and place
High surge current capability
Maximum Instantaneous Forward Voltage (Note 1)
IF= 1.0A @Ta=25
oC
Green compound with suffix “G” on packing code &
prefix “G” on datecode.
SMAE
Terminals: Lead free Finish
Polarity: Indicated by cathode band.
Mechanical Data
Cases: SM
AE Molded plastic
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method )
Weight: 0.073 grams
Maximum Average Forward Rectified Current
@Ta(See Fig. 1)
Maximum RMS Voltage
Type Number
Maximum Recurrent Peak Reverse Voltage
Typical Thermal Resistance (Note 2)
Operating Temperature Range
Storage Temperature Range
-55 to +150
uA
80
28
-55 to +150
1.0
25
1.1
1.0
50.0
Typical Junction Capacitance(Note 3)
15
For surface mounted application
High temperature soldering guaranteed:
260
oC / 10 seconds at terminals
High current capability
Low forward voltage drop
Maximum DC Blocking Voltage
Maximum DC Reverse Current
@ Ta=25
oC
@ Ta=125
oC
IR
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
Version : A09


Similar Part No. - GS1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1K PANJIT-GS1K Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Gulf Semiconductor
GS1K GULFSEMI-GS1K Datasheet
278Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
logo
Nantong Hornby Electron...
GS1K HORNBY-GS1K Datasheet
386Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Surge Components
GS1K SURGE-GS1K Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Pan Jit International I...
GS1K PANJIT-GS1K Datasheet
161Kb / 3P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - GS1K

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
S3A JGD-S3A Datasheet
169Kb / 2P
   1.0 AMPS SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
SS12E TSC-SS12E Datasheet
523Kb / 3P
   1.0 AMPS. Surface Mount Schottky Rectifiers
US1A TSC-US1A Datasheet
54Kb / 2P
   1.0 Amps. Surface Mount Ultrafast Rectifiers
1N4001 TSC-1N4001_11 Datasheet
144Kb / 2P
   1.0 AMPS. Silicon Rectifiers
logo
Shenzhen Luguang Electr...
ES1A LUGUANG-ES1A Datasheet
182Kb / 2P
   1.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
BY133 TSC-BY133 Datasheet
82Kb / 2P
   1.0 AMPS. Silicon Rectifiers
logo
Shenzhen Luguang Electr...
HS1A LUGUANG-HS1A Datasheet
182Kb / 2P
   1.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Gaomi Xinghe Electronic...
SK12B GXELECTRONICS-SK12B Datasheet
465Kb / 2P
   1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
US1A TSC-US1A_1 Datasheet
132Kb / 2P
   1.0 Amps. Surface Mount High Efficient Rectifiers
SK12B TSC-SK12B Datasheet
56Kb / 2P
   1.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com