Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLZ5V6 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LLZ5V6
Description  500mW Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLZ5V6 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LLZ5V6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLZ5V6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLZ5V6 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device
Vz @ Izt
ZZT @ IZT
IR @ VR
(Volts)
IZT
Ω
(uA)
VR
Nom
mA
Max
Max
Volts
LLZ2V0
2.0
5
100
120
0.5
LLZ2V2
2.2
5
100
120
0.7
LLZ2V4
2.4
5
100
120
1.0
LLZ2V7
2.7
5
110
100
1.0
LLZ3V0
3.0
5
120
50
1.0
LLZ3V3
3.3
5
120
20
1.0
LLZ3V6
3.6
5
100
10
1.0
LLZ3V9
3.9
5
100
5
1.0
LLZ4V3
4.3
5
100
5
1.0
LLZ4V7
4.7
5
80
5
1.0
LLZ5V1
5.1
5
80
5
1.5
LLZ5V6
5.6
5
60
5
2.5
LLZ6V2
6.2
5
60
5
3.0
LLZ6V8
6.8
5
20
2.0
3.5
LLZ7V5
7.5
5
20
0.5
4.0
LLZ8V2
8.2
5
20
0.5
5.0
LLZ9V1
9.1
5
25
0.5
6.0
LLZ10
10.0
5
30
0.2
7.0
LLZ11
11.0
5
30
0.2
8.0
LLZ12
12
5
30
0.2
9.0
LLZ13
13
5
35
0.2
10.0
LLZ15
15
5
40
0.2
11.0
LLZ16
16
5
40
0.2
12.0
LLZ18
18
5
45
0.2
13
LLZ20
20
5
45
0.2
15
LLZ22
22
5
30
0.2
17
LLZ24
24
5
35
0.2
19
LLZ27
27
5
45
0.2
21
LLZ30
30
5
55
0.2
23
Version: B09


Similar Part No. - LLZ5V6

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LLZ5V6 MCC-LLZ5V6 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
LLZ5V6 TSC-LLZ5V6 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ5V6 YEASHIN-LLZ5V6 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5V6 TSC-LLZ5V6 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ5V6 MCC-LLZ5V6 Datasheet
392Kb / 7P
   500mW Silicon Zener Diodes
More results

Similar Description - LLZ5V6

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com