Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZZL39 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ZZL39
Description  500mW Hermetically Sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ZZL39 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ZZL39 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ZZL39 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ZZL39 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device
Vz @ Izt
ZZT @ IZT
IR @ VR
(Volts)
IZT
Ω
(uA)
VR
Nom
mA
Max
Max
Volts
LLZ33
33
5
65
0.2
25
LLZ36
36
5
75
0.2
27
ZZL39
39
5
85
0.2
30
LLZ43
43
5
90
0.2
33
LLZ47
47
5
90
0.2
36
LLZ51
51
5
110
0.2
39
LLZ56
56
5
110
0.2
43
LLZ62
62
2
201
0.2
47
LLZ68
68
2
230
0.2
51
LLZ75
75
2
240
0.2
56
Notes:
1. The type numbers listed have zener voltage as shown and have a standard
tolerance on the nominal zener voltae of ±5% .
2. For detailed information on price, availability and deliver of nominal zener
voltages between the voltages shown and tighter voltage tolerances.
3. The zener impedance is derived from the 60-cycle ac voltage, which results
when an ac current having an ms value equal to 10% of the dc zener current
(IZT or IZK) is superimposed to IZT or IZK.
Version: B09


Similar Part No. - ZZL39

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ZZL39V TSC-ZZL39V Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - ZZL39

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com