Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES-2117G-VEAE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ES-2117G-VEAE
Description  17 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2117G-VEAE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ES-2117G-VEAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2117G-VEAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2117G-VEAE
Open Frame
300
VGA
Tempered Glass
N/A
N/A
ES-2117R-VEAE
Open Frame
300
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2117C-VEAE
Open Frame
300
VGA
Capacitive
RS-232
N/A
ES-2117S-VEAE
Open Frame
300
VGA
SAW
RS-232/USB
N/A
ES-2117V-VEAE
Open Frame
300
VGA
IR
RS-232
N/A
ES-2117R-LEA-05E
Open Frame
300
LVDS
5-Wire Resistive
RS-232/USB
N/A
ES-2217R-VEAE
Rugged panel mount
300
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2217C-VEA-SRE
Rugged panel mount
450
VGA
Capacitive
RS-232
Yes
Notes:
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
ES-2117/2217
ES-2117
ES-2217
5.24
56.24
120.1
120.8
120.8
CUT OUT
120.1
120.8
120.8
341.9
25.2
25.2
5.24
56.24
(Capacitive T/S)
5.19
56.19
3.70
54.70
(SAW T/S)
7.00
(Infra Red
Vandal Proof
T/S)
58.00
M3 TAP
430.50
402.10
352.00
59.50
31.50
10.00
(Resistive T/S)
402.1
420.1
38.1
75.0
100.0


Similar Part No. - ES-2117G-VEAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-2117G-VEAE ADVANTECH-ES-2117G-VEAE Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
More results

Similar Description - ES-2117G-VEAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2115 ADVANTECH-ES-2115 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
logo
Axiomtek Co., Ltd.
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
   17 Industrial Open Frame LCD Monitor
logo
Advantech Co., Ltd.
IDS-3117 ADVANTECH-IDS-3117_16 Datasheet
333Kb / 2P
   17' SXGA Industrial Open Frame Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com