Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES-2219C-VEA-SRE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ES-2219C-VEA-SRE
Description  19 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2219C-VEA-SRE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ES-2219C-VEA-SRE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2219C-VEA-SRE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Display Solutions
Features
19" LCD supports 1024 x 768 pixels and wide operating temperatures
(-0 ~ 50˚ C)
Resistive & Capacitive, SAW, IR touchscreen and 3 mm tempered glass
options
Versatile mounting brackets
Modular architecture for efficient integration
Special back cover designed for 3.5"/ 5.25" SBCs and ARK-1000/3000/4000
series box computer
Sunlight readable (optional)
Ultra-high brightness up to 1000 cd/m2 with LED backlight technology
(optional)
Rugged aluminum front bezel design (ES-2219)
VGA or LVDS interface (S-Video: Optional)
ES-2119/2219
19" Open Frame and
Rugged Panel Mount Monitor
NEW
Introduction
The Advantech ES-2119/2219 Embedded Open Frame and Rugged Panel Mount Monitor series offer flexible options for LCD, touchscreen, signal interface and chassis mounting.
The back cover has mounting holes for industry standard 3.5" or 5.25" SBCs; or Advantech DSA-2102, DSA-3400 digital signage player, DVS-355 mobile digital video platform,
and ARK-1000, ARK-3000 and ARK-4000 series embedded box computers. The series supports panel and VESA mounting, and is supplied with four versatile mounting brackets
for different integration applications. The Advantech Display Solutions Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) enables easy selection
of model numbers by choosing the required options.
Specifications
Processor System
I/O Ports
15-pin D-sub, DC power input, RS-232 port, Power Switch and OSD keys (Auto-tune, menu, decrease, increase)
Display Input Signal
Analog RGB, 0.7 VP-P / 75 0hm, optional LVDS
Multi-Scan Mode
Multi-Scan Mode supports VGA, SVGA
OSD Control
Keys: Auto-tune, Menu, Decrease and Increase Functions: Brightness, Contrast, Clock, Phase, Horizontal Position,
Vertical Position and Sharpness
Power
External 50 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 4.16 A output
Dimensions (W x H x D)
Please refer to the product dimension diagram on next page
Weight
ES-2119 : 5.0 kg / 11.02 lb
ES-2219 : 5.8 kg / 12.79 lb
Environment
Operating Temperature
-0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F) for standard LCDs
Humidity
5 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
EMC Approved
CE FCC
Display
Feature
Standard / (OEM)
Sunlight Readable
Size
19"
19"
Resolution (pixels)
1280 x 1024 SXGA
1280 x 1024 SXGA
Number of Colors
16.7M
16.7M
Viewing Angle (L/R/U/D)
89°/89°/89°/89°
89°/89°/89°/89°
Brightness (cd/m2)
300
550
Contrast Ratio
500:1
500:1
Response Time (ms)
8
8
Lamp Life (hrs)
50,000
50,000
Long-term Support
Yes
Yes
Anti-reflection
N/A
Yes
Touchscreen
Type
Analog Resistive
Capacitive
SAW
Infrared
Thickness
3.48 mm
3.18 mm
2.7 mm
3.0 mm
Resolution
4096 x 4096
1024 x 1024
4096 x 4096
4096 x 4096
Light Transmission
80%
85%
92%
92%
Controller Interface
RS-232/USB
RS-232
RS-232/USB
RS-232/USB
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 75 mA
+5V @ 150 mA
Durability (Touches)
35 million hrs
225 million hrs
50 million hrs
MTBF 100,000 hrs
Driver OS Support
DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
ES-2219
ES-2119
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ES-2219C-VEA-SRE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-2210 ADVANTECH-ES-2210 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2210C-VSA-SRE ADVANTECH-ES-2210C-VSA-SRE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2210R-VSAE ADVANTECH-ES-2210R-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2212C-VSA-SRE ADVANTECH-ES-2212C-VSA-SRE Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
More results

Similar Description - ES-2219C-VEA-SRE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2115 ADVANTECH-ES-2115 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
96LCDK19-1 ADVANTECH-96LCDK19-1_13 Datasheet
333Kb / 2P
   19" Open Frame Gaming Monitor
96LCDK19 ADVANTECH-96LCDK19 Datasheet
333Kb / 2P
   19 Open Frame Gaming Monitor
24-Apr-2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com