Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES-3117C-VEAE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ES-3117C-VEAE
Description  17 Industrial LCD MonitorRoHSCOMPLIANT2002
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-3117C-VEAE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ES-3117C-VEAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-3117C-VEAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Transflective
ES-3117G-VEAE
Open Frame
300
VGA
Tempered Glass
N/A
N/A
ES-3117R-VEAE
Open Frame
300
VGA
5-wire Resistive
RS-232/USB
N/A
ES-3117C-VEAE
Open Frame
300
VGA
Capacitive
RS-232
N/A
ES-3117S-VEAE
Open Frame
300
LVDS
SAW
RS-232/USB
N/A
ES-3117V-VEAE
Open Frame
300
VGA
Infrared
RS-232
N/A
ES-3117C-VEA-SRE
Open Frame
300
VGA
Capacitive
RS-232
Eco-Transflective
Notes
1.) Capacitive, SAE and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, you are welcome to use Display Solution DTOS service.
Power Code Options
Part Name
Description
1702002600
Power Cable UL/CSA (USA) 180 cm
1702031801
Power Cable (UK) 5A-Fuse 180 cm
1702002605
Power Cable 220 V EUROPEAN 250 V/6 A (FRANCE) 180 cm
ES-3117
239,50
280,00
330,00
426,00
448,00
278,40
401,60
339,50
SUGGESTED
Display opening size
( SAW - 54,80 )
( Glass, IR, Cap, R - 53,80 )


Similar Part No. - ES-3117C-VEAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112C-VSAE ADVANTECH-ES-3112C-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112C-VSS-SRE ADVANTECH-ES-3112C-VSS-SRE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112G-VSAE ADVANTECH-ES-3112G-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3112R-VSAE ADVANTECH-ES-3112R-VSAE Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
More results

Similar Description - ES-3117C-VEAE

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6173 AXIOMTEK-P6173_16 Datasheet
355Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
P6173 AXIOMTEK-P6173_17 Datasheet
355Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
   17 Industrial Open Frame LCD Monitor
P6171 AXIOMTEK-P6171_17 Datasheet
285Kb / 2P
   17 SXGA TFT Industrial LCD Monitor
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
   17??SXGA TFT LCD
logo
AAEON Technology
OPD-217A AAEON-OPD-217A Datasheet
244Kb / 2P
   17??TFT SXGA LCD
logo
DFI Inc
IDP170 DFI-IDP170 Datasheet
499Kb / 2P
   17" Industrial Touch Monitor
logo
Advantech Co., Ltd.
96KVM-R17V1C-XX ADVANTECH-96KVM-R17V1C-XX Datasheet
96Kb / 1P
   1U 17 LCD Console Drawer
logo
NEC
E171M-BK NEC-E171M-BK Datasheet
1Mb / 2P
   NEC LCD 17 Commercial Display
logo
Axiomtek Co., Ltd.
LS-320 AXIOMTEK-LS-320 Datasheet
104Kb / 1P
   Industrial LCD Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com