Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRMH1102B Datasheet(PDF) 3 Page - Marktech Corporate

Part # TLRMH1102B
Description  Panel Circuit Indicator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRMH1102B Datasheet(HTML) 3 Page - Marktech Corporate

  TLRMH1102B Datasheet HTML 1Page - Marktech Corporate TLRMH1102B Datasheet HTML 2Page - Marktech Corporate TLRMH1102B Datasheet HTML 3Page - Marktech Corporate TLRMH1102B Datasheet HTML 4Page - Marktech Corporate TLRMH1102B Datasheet HTML 5Page - Marktech Corporate TLRMH1102B Datasheet HTML 6Page - Marktech Corporate TLRMH1102B Datasheet HTML 7Page - Marktech Corporate TLRMH1102B Datasheet HTML 8Page - Marktech Corporate TLRMH1102B Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TL(RH,RMH,SH,OH,YH)1102B(T10)
2006-07-07
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRH1102B
160
400
1250
20
SA / TA / UA / VA
TLRMH1102B
160
480
1250
20
SA / TA / UA / VA
TLSH1102B
400
850
3200
20
UA / VA / WA / XA
TLOH1102B
400
950
3200
20
UA / VA / WA / XA
TLYH1102B
250
700
2000
20
TA / UA / VA / WA
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Max
SA
160
320
TA
250
500
UA
400
800
VA
630
1250
WA
1000
2000
XA
1600
3200
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
∆λ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRH1102B
644
18
624
630
638
TLRMH1102B
636
17
620
626
634
TLSH1102B
623
17
607
613
621
TLOH1102B
612
15
599
605
613
TLYH1102B
590
15
581
587
595
20
Unit
nm
nm
nm
mA
The cautions
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.


Similar Part No. - TLRMH1102B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRMH1100B TOSHIBA-TLRMH1100B Datasheet
292Kb / 13P
   Panel Circuit Indicator
TLRMH1106 TOSHIBA-TLRMH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results

Similar Description - TLRMH1102B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com