Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS339CD14C4 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS339CD14C4
Description  Low Power Low Offset Quad Comparators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS339CD14C4 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS339CD14C4 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS339CD14C4 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS339
Low Power Low Offset Quad Comparators
4/7
Version: A09
Application Description
This quad comparator feature high gain, wide bandwidth characteristics. This gives the device oscillation tendencies
if the outputs are capacitive coupled to the inputs via stray capacitance. This oscillation manifests itself during output
transitions (VOL to VOH). To alleviate this situation input resistors<10KΩ should be used. The addition of positive
feedback (<10 mV) is also recommended.
It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage
without damaging the comparator's inputs. Voltages more negative than -0.3V should not be used.
Figure 4. Driving Logic
Figure 5. Squarewave Oscillator
Figure 6. Zero Crossing Detector (Single Supply)
Figure 7. Zero Crossing Detector (Split Supplies)


Similar Part No. - TS339CD14C4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339CD STMICROELECTRONICS-TS339CD Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
logo
Taiwan Semiconductor Co...
TS339CD TSC-TS339CD Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
STMicroelectronics
TS339CDT STMICROELECTRONICS-TS339CDT Datasheet
124Kb / 9P
   Micropower Quad CMOS Voltage Comparators
More results

Similar Description - TS339CD14C4

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com