Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS431BCTA3 Datasheet(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Part # TS431BCTA3
Description  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431BCTA3 Datasheet(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS431BCTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431BCTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431BCTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431BCTA3 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431BCTA3 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS431BCTA3 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS431BCTA3 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS431BCTA3 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS431BCTA3 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
11/13
Version: F07
SOT-89 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
CY = Package Code
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017


Similar Part No. - TS431BCTA3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS431BCT TSC-TS431BCT Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
TS431BCT-A3G TSC-TS431BCT-A3G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
TS431BCT-B0G TSC-TS431BCT-B0G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
More results

Similar Description - TS431BCTA3

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com