Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-93100BMWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-93100BMWG
Description  3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-93100BMWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-93100BMWG Datasheet HTML 1Page - Optoway Technology Inc SPS-93100BMWG Datasheet HTML 2Page - Optoway Technology Inc SPS-93100BMWG Datasheet HTML 3Page - Optoway Technology Inc SPS-93100BMWG Datasheet HTML 4Page - Optoway Technology Inc SPS-93100BMWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-93100MWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPS-93100MWG / SPS-93100BMWG / SPS-93100AMWG
(RoHS Compliant)
3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with SONET OC-48 (LR-2) / SDH STM-16
(L-16.2)
l Compliant with Fibre Channel 1x/2x SM-LC-L FC-PI
l Compliant with IEEE 802.3z 1000BASE-ZX
l SFF-8472 Digital Diagnostic Function
l 1550 nm DFB LD Transmitter
l APD High Sensitivity Receiver
l 28 dB Power Budget at Least
l Distance up to 100 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-93100MWG
l -10 to 85oC Operation: SPS-93100BMWG
l -40 to 85oC Operation: SPS-93100AMWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SONET OC-48 / SDH STM-16
l SONET OC-12 / SDH STM-4
l SONET OC-3 / SDH STM-1
l Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPS-93100MWG series single mode transceivers is
small form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-48 / SDH
STM-16, Gigabit Ethernet 1000BASE-LX and Fibre
Channel 1x/2x SM-LC-L FC-PI. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. This module is designed
for single mode fiber and operates at a nominal wavelength
of 1550 nm. A guaranteed minimum optical link budget of
28 dB is offered which can correspond to a link distance of
over 100 km (assuming worst case fiber loss of 0.22 dB/km).
The transmitter section uses a multiple quantum well
1550 nm DFB laser
and is a class 1 laser compliant
according to International Safety Standard IEC-60825. The
receiver section uses an integrated InGaAs detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-93100MWG
Multirate*
ELR
100
1550 DFB LC SFP with DMI
0 to 70
5 to 0
-28
Yes
SPS-93100BMWG
Multirate*
ELR
100
1550 DFB LC SFP with DMI -10 to 85
5 to 0
-28
Yes
SPS-93100AMWG
Multirate*
ELR
100
1550 DFB LC SFP with DMI -40 to 85
5 to 0
-28
Yes
Multirate*: 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-93100MWG
SPS-93100BMWG
SPS-93100AMWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-93100MWG
oC / SPS-93100BMWG
oC / SPS-93100AMWG
Power Supply Current
ICC (TX+RX)
230
300
mA
Data Rate
125
2488
2670
Mb/s


Similar Part No. - SPS-93100BMWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93100BMWG OPTOWAY-SPS-93100BMWG Datasheet
151Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-93100BMWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93120MWG OPTOWAY-SPS-93120MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MWG OPTOWAY-SPS-9340MWG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG Datasheet
151Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG OPTOWAY-SPS-93120MWG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93160MWG OPTOWAY-SPS-93160MWG Datasheet
149Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MWG OPTOWAY-SPS-93100MWG Datasheet
151Kb / 4P
   3.3V / 1550 nm / Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MWG OPTOWAY-SPS-9340MWG_08 Datasheet
150Kb / 5P
   3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MG OPTOWAY-SPS-9380MG Datasheet
150Kb / 4P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MG OPTOWAY-SPS-9340MG_08 Datasheet
149Kb / 5P
   3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com