Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS431BCTRF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS431BCTRF
Description  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431BCTRF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS431BCTRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431BCTRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431BCTRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431BCTRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431BCTRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431BCTRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431BCTRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431BCTRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431BCTRF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
2/13
Version: F07
Recommend Operating Condition
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
VKA
Ref ~ 36
V
Continuous Cathode Current Range
IK
1 ~ 100
mA
Recommend Operating Condition
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
TS431
2.446
2.550
TS431A
2.470
2.520
Reference voltage
TS431B
VREF
VKA =VREF, IK =10mA (Figure 1)
Ta=25
oC
2.483
2.495
2.507
V
Deviation of reference input
voltage
∆ VREF
VKA = VREF, IK =10mA (Figure 1)
Ta= full range
--
3
17
mV
Radio of change in Vref to
change in cathode Voltage
∆VREF
/∆VKA
IKA =10mA, VKA = 10V to VREF
VKA = 36V to 10V (Figure 2)
--
--
-1.4
-1.0
-2.7
-2.0
mV/V
Reference Input current
IREF
R1=10KΩ, R2= , IKA =10mA
Ta= full range (Figure 2)
--
0.7
4.0
uA
Deviation of reference input
current, over temp.
∆IREF
R1=10KΩ, R2= , IKA =10mA
Ta= full range (Figure 2)
--
0.4
1.2
uA
VREF =0V (Figure 3), VKA =36V
--
--
1.0
uA
Off-state Cathode Current
IKA (off)
VREF =0V (Figure 3), VKA =36V
TJ=-25ºC~125ºC
(Value is defined by design)
--
--
30
uA
Dynamic Output Impedance
| ZKA |
f<1KHz, VKA = VREF
IKA =1mA to 100mA (Figure 1)
--
0.22
0.5
Ω
Minimum operating cathode
current
IKA (min)
VKA = VREF (Figure 1)
--
0.4
0.6
mA
* The deviation parameters ∆VREF and ∆IREF are defined as difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
* The average temperature coefficient of the
reference input voltage, αVREF is defined as:
Where: T2-T1 = full temperature change.
αVREF can be positive or negative depending on whether the slope is positive or negative.
Example: Maximum VREF=2.496V at 30
oC, minimum VREF =2.492V at 0oC, VREF =2.495V at 25oC, ΔT=70oC
αVREF | = [4mV / 2495mV] * 10
6 / 70oC ≈ 23ppm/oC
Because minimum VREF occurs at the lower temperature, the coefficient is positive.
* The dynamic impedance ZKA is defined as:
| ZKA | = ΔVKA / ΔIKA
* When the device operating with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance of
the circuit is given by:
| ZKA | = Δv / Δi | ≈ ZKA | * ( 1 + R1 / R2)


Similar Part No. - TS431BCTRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS431BCT TSC-TS431BCT Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
TS431BCT-A3G TSC-TS431BCT-A3G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
TS431BCT-B0G TSC-TS431BCT-B0G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
More results

Similar Description - TS431BCTRF

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com