Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS432BCTRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS432BCTRF
Description  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432BCTRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS432BCTRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS432BCTRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS432BCTRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS432BCTRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432BCTRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432BCTRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432BCTRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432BCTRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432BCTRF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS432
Adjustable Precision Shunt Regulator
1/12
Version: C07
TO-92
SOT-23
SOT-25
General Description
TS432 series is a three-terminal adjustable shunt regulator with specified thermal stability. The output voltage may be
set to any value between Vref (approximately 1.24V) and 18V with two external resistors. TS432 series has a typical
output impedance of 0.05Ω. Active output circuitry provides a very sharp turn-on characteristic, making TS432 series
excellent replacement for zener diode in many applications.
Features
Precision Reference Voltage
TS432 – 1.24V±2%
TS432A – 1.24V±1%
TS432B – 1.24V±0.5%
Minimum Cathode Current for Regulation: 20uA(typ.)
Equivalent Full Range Temp. Coefficient: 50ppm/ ºC
Programmable Output Voltage up to 18V
Fast Turn-On Response
Sink Current Capability of 80uA to 100mA
Low Dynamic Output Impedance: 0.05Ω
Low Output Noise
Halogen Free Available
Ordering Information
Part No.
Package
Packing
TS432xCT B0
TO-92
1Kpcs / Bulk
TS432xCT B0G
TO-92
1Kpcs / Bulk
TS432xCT A3
TO-92
2Kpcs / Ammo
TS432xCT A3G
TO-92
2Kpcs / Ammo
TS432xCX RF
SOT-23
3Kpcs / 7” Reel
TS432xCX RFG
SOT-23
3Kpcs / 7” Reel
TS432xCX5 RF
SOT-25
3Kpcs / 7” Reel
TS432xCX5 RFG
SOT-25
3Kpcs / 7” Reel
Note: Where x denotes voltage tolerance
Blank: ±2%, A: ±1%, B: ±0.5%
“G” denotes for Halogen free products
Application
Voltage Monitor
Delay Timmer
Constant –Current Source/Sink
High-Current Shunt Regulator
Crow Bar
Over-Voltage / Under-Voltage Protection
Block Diagram
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
Vka
18
V
Continuous Cathode Current Range
Ik
100
mA
Reference Input Current Range
Iref
3
mA
TO-92
0.625
SOT-23
0.35
Power Dissipation
SOT-25
Pd
0.35
W
Junction Temperature
TJ
+150
oC
Operation Temperature Range
TOPER
0 ~ +70
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note 1: Voltage values are with respect to the anode terminal unless otherwise noted.
Pin Definition:
1. Reference
2. Cathode
3. Anode
Pin Definition:
1. Reference
2. Anode
3. Cathode
Pin Definition:
1. N/C
2. N/C *
3. Cathode
4. Reference
5. Anode
* (pin 2 is connect to substrate
and must be connected to Anode
or left open)


Similar Part No. - TS432BCTRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS432BCX TSC-TS432BCX Datasheet
201Kb / 7P
   Adjustable Precision Shunt Regulator
More results

Similar Description - TS432BCTRF

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com