Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS810CXHRF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS810CXHRF
Description  Microprocessor Reset Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS810CXHRF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS810CXHRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS810CXHRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS810CXHRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS810CXHRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS810CXHRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS810CXHRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS810CXHRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS809/810/809R/810R Series
Microprocessor Reset Circuit
1/7
Version: A07
SOT-23
General Description
The TS809/810 series are microprocessor (µP) supervisory circuit used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability and low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V powered circuits. These circuits perform a single function: they assert
a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least
140ms after VCC has risen above the reset threshold. Reset thresholds suitable for operation with a variety of supply
voltages are available. The TS809/810 series have push pull outputs. The TS809/809R have an active low RESET
output, while the TS810/810R has an active high (RESET) output. The reset comparator is designed to ignore fast
transients on VCC, and the output guaranteed to be in the correct logic state for VCC down to 1V. Low supply correct
makes the TS809/810 series ideal for use in portable equipment.
Features
Highly Accurate: ±2%
Precision monitoring of +3V, +3.3V and +5V power
supply voltage
Fully specified over temperature
Available in three output configurations
Push-Pull RESET low output (TS809/TS809R)
Push-Pull (RESET) high output (TS810/TS810R)
140mS min. power-on reset pulse width
12uA supply current
Guaranteed reset valid to Vcc = +1V
Power supply transient immunity
No external components
Ordering Information
Note: x is the threshold voltage type, option as
A : 4.63V
B : 4.38V
C : 4.00V
D : 3.08V
E : 2.93V
F : 2.63V
G : 2.32V
H : 2.1V
I : 2.0V
Part No.
Package
Packing
TS809CXx RF
SOT-23
3Kpcs / 7” Reel
TS810CXx RF
SOT-23
3Kpcs / 7” Reel
TS809RCXx RF
SOT-23
3Kpcs / 7” Reel
TS810RCXx RF
SOT-23
3Kpcs / 7” Reel
Applications
Battery-operated systems
Controllers
Intelligent instruments
Critical uP and uC power monitoring
Portable / Battery powered equipment
Automotive
Pin Descriptions
Name
Description
Gnd
Ground
RESET
(RESET)
RESET – TS809 / TS809R (Active Low)
(RESET) – TS810 / TS810R (Active High)
Vcc
Operating voltage input
Application Circuit
Pin Definition:
TS809/TS810
TS809R/TS810R
1. Ground
1. RESET(RESET)
2. RESET(RESET)
2. Ground
3. Vcc
3. Vcc


Similar Part No. - TS810CXHRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000-QFNR SEMTECH-TS81000-QFNR Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
More results

Similar Description - TS810CXHRF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
   Microprocessor Reset Circuit
09/14/21
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
   Microprocessor Reset Circuit
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
   Microprocessor Reset Circuit
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
   Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
   Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com