Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1520 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1520
Description  Step-Up DC-DC Converter, White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1520 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1520 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1520 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1520 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1520 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1520 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1520 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1520 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1520 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1520 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS1520
Step-Up DC-DC Converter, White LED Driver
3/12
Version: B07
Functional Block
Pin Description
Pin
Function
Description
1
SW
Switching Pin. This is the collector of the internal NPN power switch. Connect to
inductor and diode. Minimize the metal trace area connected to this pin to reduce
EMI.
2
Ground
Ground Pin. Connect directly to local ground plane.
3
Feedback
Feedback Pin. Reference voltage is 200mV. Connect LEDs and a resistor at this
pin. LED current is determined by the resistance and CTRL voltage.
4
CTRL
Shutdown Pin and Dimming Control Pin.
VCTRL > 1.8V generates full-scale LED current
VCTRL < 0.4V chip is off
Switching from 04V to 2.0V, PWM duty cycle controls the LED current
5
Input
Input Supply Pin. Bypass this pin with a capacitor as close to the device as possible


Similar Part No. - TS1520

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1520CX5RF TSC-TS1520CX5RF Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
More results

Similar Description - TS1520

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
   Step-up DC/DC converter white LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
   Step-up DC-DC Converter & White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
   Step-up DC/DC converter White LED driver
logo
YOBON TECHNOLOGIES,INC.
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
   Step-up DC-DC Converter,White LED Driver
logo
Taiwan Semiconductor Co...
TS1518 TSC-TS1518 Datasheet
355Kb / 7P
   Step-Up DC-DC Converter, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com