Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5218 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS5218
Description  800mA Ultra Low Dropout Voltage Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5218 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS5218 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5218 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TS5218
800mA Ultra Low Dropout
Voltage Regulator with Enable
6/7
Version: A09
TDFN 3x3 Mechanical Drawing
TDFN 3x3 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
0.65
0.85
0.026
0.034
A1
0.00
0.05
0.000
0.002
A3
0.15
0.25
0.006
0.010
b
0.20
0.30
0.008
0.012
D
2.90
3.10
0.114
0.122
D1
2.20
2.30
0.086
0.090
E
2.90
3.10
0.114
0.122
E2
1.49
1.59
0.058
0.063
e
0.625
0.675
0.025
0.027
K
0.25
0.35
0.010
0.014
L
0.35
0.45
0.014
0.017
H
0.61
0.71
0.024
0.028


Similar Part No. - TS5218

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5218CQRF TSC-TS5218CQRF Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
More results

Similar Description - TS5218

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com