Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS29152CZ5C0 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS29152CZ5C0
Description  1.5A Ultra Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29152CZ5C0 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS29152CZ5C0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29152CZ5C0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TS29152
1.5A Ultra Low Dropout Voltage Regulator
6/6
Version: A09
TO-220-5L Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
TO-220-5L DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.00
10.50
0.394
0.413
B
3.240
4.440
0.128
0.175
C
2.440
2.940
0.096
0.116
D
0.260
1.020
0.010
0.040
E
1.570
1.830
0.062
0.072
F
13.31
14.13
0.524
0.556
G
4.475
5.225
0.176
0.206
H
1.170
1.370
0.046
0.054
I
27.60
29.44
1.087
1.159
J
2.175
2.925
0.086
0.115
K
0.297
0.477
0.012
0.019
L
8.280
8.800
0.326
0.346
M
6.010
6.510
0.237
0.256
N
14.29
15.31
0.563
0.603


Similar Part No. - TS29152CZ5C0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS29152CZ5C0 TSC-TS29152CZ5C0 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS29152CZ5C0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com