Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA874 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSA874
Description  PNP Silicon Planar High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSA874 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSA874 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSA874 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSA874 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSA874 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSA874
PNP Silicon Planar High Voltage Transistor
1/4
Version: B08
SOT-223
PRODUCT SUMMARY
BVCBO
-500V
BVCEO
-500V
IC
-150mA
VCE(SAT)
-0.5V @ IC / IB = -50mA / -10mA
Features
Low Saturation Voltages
Excellent gain characteristics specified up to -50mA
Structure
Epitaxial Planar Type
PNP Silicon Transistor
Ordering Information
Part No.
Package
Packing
TSA874CW RP
SOT-223
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-500
V
Collector-Emitter Voltage
VCEO
-500
V
Emitter-Base Voltage
VEBO
-5
V
DC
-150
Collector Current
Pulse
IC
-500
mA
Total Power Dissipation
Ptot
1
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = -100uA, IE = 0
BVCBO
-500
--
--
V
Collector-Emitter Breakdown Voltage
IC = -10mA, IB = 0
BVCEO
-500
--
--
V
Emitter-Base Breakdown Voltage
IE = -100uA, IC = 0
BVEBO
-5
--
--
V
Collector Cutoff Current
VCB = 120V, IE = 0
ICBO
--
--
-100
nA
Emitter Cutoff Current
VEB = 6V, IC = 0
IEBO
--
--
-100
nA
IC = -20mA, IB = -2mA
VCE(SAT) 1
--
--
-0.2
Collector-Emitter Saturation Voltage
IC = -50mA, IB = -10mA
VCE(SAT) 2
--
-0.5
V
Base-Emitter Saturation Voltage
IC = -50mA, IB = -10mA
VBE(SAT)
--
--
-0.9
V
Base-Emitter on Voltage
VCE = -10V, IC = -50mA
VBE(ON)
--
--
-0.9
V
VCE = -10V, IC = -1mA
hFE 1
100
--
300
VCE = -10V, IC = -50mA
hFE 2
80
--
300
DC Current Transfer Ratio
VCE = -10V, IC = -100mA
hFE 3
--
15
--
Transition Frequency
VCE =10V, IC=-100mA
fT
--
50
--
MHz
Output Capacitance
VCB = 20V, f=1MHz
Cob
--
--
8
pF
Turn On Time
Ton
--
110
--
nS
Turn Off Time
VCE = -100V, IC = -50mA
IB1=-5mA, IB2=-10mA
Toff
--
1500
--
nS
Pin Definition:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSA874

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSA874 TSC-TSA874 Datasheet
347Kb / 4P
   PNP Silicon Planar High Voltage Transistor
TSA874CWRP TSC-TSA874CWRP Datasheet
375Kb / 4P
   PNP Silicon Planar High Voltage Transistor
TSA874CWRP TSC-TSA874CWRP Datasheet
347Kb / 4P
   PNP Silicon Planar High Voltage Transistor
TSA874 TSC-TSA874_10 Datasheet
375Kb / 4P
   PNP Silicon Planar High Voltage Transistor
TSA874 TSC-TSA874_14 Datasheet
347Kb / 4P
   PNP Silicon Planar High Voltage Transistor
More results

Similar Description - TSA874

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
SXTA92 ZETEX-SXTA92 Datasheet
20Kb / 1P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSA894 TSC-TSA894 Datasheet
196Kb / 4P
   PNP Silicon Planar High Voltage Transistor
logo
Guangdong Kexin Industr...
FZTA92 KEXIN-FZTA92 Datasheet
35Kb / 1P
   PNP Silicon Planar High Voltage Transistor
logo
Zetex Semiconductors
FZT758 ZETEX-FZT758 Datasheet
92Kb / 2P
   PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com